Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9644BCPZ-155 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9644BCPZ-155
Descripción Electrónicos  14-Bit, 80 MSPS/155 MSPS, 1.8 V Dual Serial Output Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9644BCPZ-155 Datasheet(HTML) 4 Page - Analog Devices

  AD9644BCPZ-155 Datasheet HTML 1Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 2Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 3Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 4Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 5Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 6Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 7Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 8Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9644
Data Sheet
Rev. C | Page 4 of 44
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, DCS enabled,
unless otherwise noted.
Table 1.
AD9644-80
AD9644-155
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±2
±10
±2.2
±11
mV
Gain Error
Full
−7
−2.5
+1
−6
−1.5
+4
% FSR
Differential Nonlinearity (DNL)1
Full
±0.55
±0.55
LSB
25°C
±0.3
±0.3
LSB
Integral Nonlinearity (INL)1
Full
±1.1
±1.25
LSB
25°C
±0.5
±0.55
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
−7
+1.5
+10
−6
+1.5
+9
mV
Gain Error
Full
−1.5
+0.6
+2.75
−3.1
+0.75
+5
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±35
±144
ppm/°C
INPUT REFERRED NOISE
25°C
0.7
0.7
LSB rms
ANALOG INPUT
Input Span
Full
1.383
1.75
2.087
1.383
1.75
2.087
V p-p
Input Capacitance2
Full
7
5
pF
Input Resistance
Full
20
20
kΩ
VCM OUTPUT LEVEL
Full
0.88
0.9
0.92
0.87
0.9
0.93
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
175
190
226
242
mA
IDRVDD1
Full
60
67
89
97
mA
POWER CONSUMPTION
Sine Wave Input1
Full
423
460
567
610
mW
Standby Power3
Full
85
168
mW
Power-Down Power
Full
15
27
18
27
mW
1
Measured with a low input frequency, full-scale sine wave.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Standby power is measured with a dc input and with the CLK pins inactive (set to AVDD or AGND).


Número de pieza similar - AD9644BCPZ-155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9644BCPZ-155 AD-AD9644BCPZ-155 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
More results

Descripción similar - AD9644BCPZ-155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com