Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7862AR-2 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD7862AR-2
Descripción Electrónicos  Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7862AR-2 Datasheet(HTML) 3 Page - Analog Devices

  AD7862AR-2 Datasheet HTML 1Page - Analog Devices AD7862AR-2 Datasheet HTML 2Page - Analog Devices AD7862AR-2 Datasheet HTML 3Page - Analog Devices AD7862AR-2 Datasheet HTML 4Page - Analog Devices AD7862AR-2 Datasheet HTML 5Page - Analog Devices AD7862AR-2 Datasheet HTML 6Page - Analog Devices AD7862AR-2 Datasheet HTML 7Page - Analog Devices AD7862AR-2 Datasheet HTML 8Page - Analog Devices AD7862AR-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
AD7862
AB
S
Parameter
Version
1
Version
Version
Units
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 200
µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
DB11–DB0
Floating-State Leakage Current
±10
±10
±10
µA max
Floating-State Capacitance
4
10
10
10
pF max
Output Coding
AD7862-10, AD7862-3
Twos Complement
AD7863-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
3.6
3.6
3.6
µs max
For Both Channels
Track/Hold Acquisition Time
2, 3
0.3
0.3
0.3
µs max
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
IDD
Normal Mode
15
15
15
mA max
Standby Mode
25
25
25
µA max
Logic Inputs = 0 V or VDD
Power Dissipation
Normal Mode
75
75
75
mW max
Typically 60 mW
Standby Mode
125
125
125
µW max
Typically 75
µW
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C;
S Version: –55
°C to +125°C.
2 Performance measured through full channel (multiplexer, SHA and ADC).
3See Terminology.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Analog Input Voltage to AGND
AD7862-10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±17 V
AD7862-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7V
AD7862-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Reference Input Voltage to AGND . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Version) . . . . . . . . . . .
–40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 670 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 116
°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . +260
°C
Ceramic DIP Package, Power Dissipation . . . . . . . . . 670 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 116
°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 110
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
SSOP Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 110
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Input
Relative
Temperature
Package
Package
Model
Input
Accuracy
Range
Description
Option
AD7862AR-10
±10 V
±1 LSB
–40
°C to +85°C
28-Bit Small Outline Package
R-28
AD7862BR-10
±10 V
±1 LSB
–40
°C to +85°C
28-Bit Small Outline Package
R-28
AD7862ARS-10
±10 V
±1 LSB
–40
°C to +85°C
28-Bit Shrink Small Outline Package
RS-28
AD7862AN-10
±10 V
±1 LSB
–40
°C to +85°C
28-Bit Plastic DIP
N-28
AD7862SQ-10
±10 V
±1 LSB
–55
°C to +125°C
28-Bit Cerdip
Q-28
AD7862AR-3
±2.5 V
±1 LSB
–40
°C to +85°C
28-Bit Small Outline Package
R-28
AD7862BR-3
±2.5 V
±1 LSB
–40
°C to +85°C
28-Bit Small Outline Package
R-28
AD7862ARS-3
±2.5 V
±1 LSB
–40
°C to +85°C
28-Bit Shrink Small Outline Package
RS-28
AD7862AN-3
±2.5 V
±1 LSB
–40
°C to +85°C
28-Plastic DIP
N-28
AD7862AR-2
0 V to 2.5 V
±1 LSB
–40
°C to +85°C
28-Bit Small Outline Package
R-28
AD7862ARS-2
0 V to 2.5 V
±1 LSB
–40
°C to +85°C
28-Bit Shrink Small Outline Package
RS-28
4Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.


Número de pieza similar - AD7862AR-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7862AR-2 AD-AD7862AR-2 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
More results

Descripción similar - AD7862AR-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com