Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD10N20L Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FQD10N20L
Descripción Electrónicos  N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD10N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD10N20L Rev. C1
www.fairchildsemi.com
4
Typical Characteristics (Continued)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No t e s :
1 . Z
θ JC(t ) = 2 . 4 8
℃ /W M a x .
2 . D u t y F a c t o r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ JC(t )
s i n g le p u ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 ,
S quar e W av e P ul s e D ur at i on [ s ec ]
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C
= 25
o
C
2. T
J
= 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 5 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D = 250
μA
T
J, Junction Temperature [
o
C]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Número de pieza similar - FQD10N20L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
576Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
937Kb / 9P
   N-Channel QFET MOSFET
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
VBsemi Electronics Co.,...
FQD10N20L VBSEMI-FQD10N20L Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
More results

Descripción similar - FQD10N20L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQT4N20LTF FAIRCHILD-FQT4N20LTF Datasheet
2Mb / 8P
   N-Channel QFET짰 MOSFET 200 V, 0.85 A, 1.40 廓
logo
Kersemi Electronic Co.,...
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com