Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF8N60CT Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FQPF8N60CT
Descripción Electrónicos  N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N60CT Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FQPF8N60CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by RG
•ISD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
IFM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by RG
•ISD controlled by pulse period
VDD
LL
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
IFM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
©2004 Fairchild Semiconductor Corporation
FQPF8N60C Rev. C0
www.fairchildsemi.com
6


Número de pieza similar - FQPF8N60CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
927Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF8N60C KERSEMI-FQPF8N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N60C ISC-FQPF8N60C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF8N60CF FAIRCHILD-FQPF8N60CF Datasheet
755Kb / 8P
   600V N-Channel MOSFET
More results

Descripción similar - FQPF8N60CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQB8N60CTM FAIRCHILD-FQB8N60CTM Datasheet
804Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com