Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDT0402T-681M-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de Pieza. SDT0402T-681M-N
Descripción  SMD Shielded Power Inductors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

SDT0402T-681M-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Shielded Power Inductors - SDT Series
SDT Series
SDT Series is the ultimate cost effective and miniature power inductors.
They are constructed of materials specially developed for surface mount
applications to ensure the best possible reliability and ease of using and
handling.
Because
of
their
“swinging”
inductance
vs.
current
characteristics, the SSL0402 Series supports used as ultra high
inductance at zero or low current.
Features
Applications
 RoHS compliant
 High inductance shielded power inductors
 Functions equally well in filter and smoothing circuit applications
 Board mounted DC-DC converters
 Miniature power supplies and voltage multiplying circuits
Product Identification
 Packaging: T:Tape and Reel
Shape and Dimensions
Recommended Pattern
SDT 0402
Dimensions in mm
A
B
C
D
E
F
G
6.60
+0
4.54
+0
2.92
+0
1.02
3.05
1.27
4.32
Dimensions in mm
A
B
C
D
6.86
4.06
3.56
1.40
SDT 0804
Dimensions in mm
A
B
C
D
E
F
12.95
+0
9.4
+0
5.08
+0
2.54
2.54
7.62
Dimensions in mm
A
B
C
D
13.21
7.37
2.79
2.92
C
A
B
D
C
A
B
D


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn