Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLF0730T-470M-N Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SLF0730T-470M-N
Descripción Electrónicos  SMD Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SLF0730T-470M-N Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SLF0730T-470M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF0730T-470M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMD Shielded Power Inductors – SLF Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF1255T-6R0M-N
6
20
1
0.0164
3.6
4.9
SLF1255T-100M-N
10
20
1
0.0215
3.4
4.3
SLF1255T-150M-N
15
20
1
0.0259
2.8
3.9
SLF1255T-220M-N
22
20
1
0.0338
2.3
3.4
SLF1255T-330M-N
33
20
1
0.0415
1.9
3.1
SLF1255T-470M-N
47
20
1
0.0618
1.6
2.5
SLF1255T-680M-N
68
20
1
0.0832
1.3
2.2
SLF1255T-101M-N
100
20
1
0.117
1.1
1.8
SLF1255T-151M-N
150
20
1
0.19
0.88
1.4
SLF1255T-221M-N
220
20
1
0.27
0.72
1.2
SLF1255T-331M-N
330
20
1
0.41
0.59
1
SLF1255T-471M-N
470
20
1
0.52
0.49
0.88
SLF1255T-681M-N
680
20
1
0.76
0.43
0.73
SLF1255T-102M-N
1000
20
1
1.12
0.34
0.6
SLF1255T-152M-N
1500
20
1
1.73
0.29
0.48
Tolerance: M = ±20%
Isat:
Value obtained when DC current flows and the initial value of inductance has fallen by 10%
Itemp current: Value obtained when current flows and the temperature has risen to 30℃
Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency: 1KHz/0.5V)
RDC:CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF1265T-2R0T-N
2
30
1
0.0117
10
6.2
SLF1265T-4R2T-N
4.2
30
1
0.015
7.3
5.5
SLF1265T-7R0T-N
7
30
1
0.0177
5.7
5
SLF1265T-100M-N
10
20
1
0.0202
5
4.8
SLF1265T-150M-N
15
20
1
0.0237
4.2
4.4
SLF1265T-220M-N
22
20
1
0.0316
3.5
3.8
SLF1265T-330M-N
33
20
1
0.0406
2.8
3.4
SLF1265T-470M-N
47
20
1
0.0578
2.4
2.8
SLF1265T-680M-N
68
20
1
0.0787
2
2.4
SLF1265T-101M-N
100
20
1
0.123
1.6
1.9
SLF1265T-221M-N
220
20
1
0.273
1
1.2
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Itemp current: Value obtained when current flows and the temperature has risen to 40℃
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency: 1KHz/0.5V)
 RDC:CH502BC


Número de pieza similar - SLF0730T-470M-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SLF0905 KOA-SLF0905 Datasheet
334Kb / 1P
   common mode choke coil
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
   common mode choke coils
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
83Kb / 1P
   common mode choke coils
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
Sumida Corporation
SLF0912 SUMIDA-SLF0912 Datasheet
142Kb / 1P
   NORMAL MODE CHOKES
More results

Descripción similar - SLF0730T-470M-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com