Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES3B Datasheet(PDF) 1 Page - Continental Device India Limited

No. de pieza ES3B
Descripción Electrónicos  SURFACE MOUNT SUPER FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ES3B Datasheet(HTML) 1 Page - Continental Device India Limited

  ES3B Datasheet HTML 1Page - Continental Device India Limited ES3B Datasheet HTML 2Page - Continental Device India Limited ES3B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A - ES3J
DO-214AB (SMC)
Surface Mount Package
Polarity: Colour band denotes Cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25ºC Ambient Temperature unless specified otherwise. Single Phase, half wave 60Hz, Resistive or
Inductive Load, for Capacitive Load current derate by 20%)
SYMBOL ES3A ES3B ES3C
ES3G ES3J
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
50
100
150
400
600
V
VRMS
35
70
105
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
400
600
V
I(AV)
A
single half sine-wave superimposed on
VF
1.7
V
Maximum DC Reverse Current
Ta=25
oC
at Rated DC Blocking Voltage
Ta=100
oC
Maximum Reverse Recovery Time
*trr
ns
Typical Junction Capacitance
**CJ
pF
Thermal Resistance Junction to Ambient
***Rth (j-a)
ºC/W
Tj, Tstg
ºC
*Reverse recovery condition IF=0.5A, IR=1A, trr=0.25A
**Measured at 1MHz and applied reverse voltage 0f 4.0V D.C
*** Mounted on P.C.B with "0.2 x 0.2" ( 5 x 5mm ) Copper Pad Areas
ES3A_3J Rev300310E
IR
Maximum Average Forward Rectified Current
at TL=75
oC
DESCRIPTION
Maximum RMS Voltage
Peak Forward Surge Current 8.3ms
IFSM
rated load
Maximum Instantaneous Forward Voltage at
IF=3.0A
Operating Junction and Storage Temperature
Range
- 65 to +150
140
200
ES3D
200
300
210
300
ES3E
3.0
100
A
0.95
1.25
5.0
TYP47
µA
45
100
35
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Número de pieza similar - ES3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
ES3B DIODES-ES3B Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
DONGGUAN YOU FENG WEI E...
ES3B YFWDIODE-ES3B Datasheet
278Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
ES3B SEMTECH_ELEC-ES3B Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
Guangdong Juxing Electr...
ES3B JUXING-ES3B Datasheet
683Kb / 2P
   Surface Mount Superfast Rectifiers
More results

Descripción similar - ES3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com