Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX79C2V7 Datasheet(PDF) 1 Page - Continental Device India Limited

No. de pieza BZX79C2V7
Descripción Electrónicos  SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX79C2V7 Datasheet(HTML) 1 Page - Continental Device India Limited

  BZX79C2V7 Datasheet HTML 1Page - Continental Device India Limited BZX79C2V7 Datasheet HTML 2Page - Continental Device India Limited BZX79C2V7 Datasheet HTML 3Page - Continental Device India Limited BZX79C2V7 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
BZX79C 2V4 to 51V
DO-35
500mW
These Zeners Are Best Suited for Industrial Purpose, Military & Space Applications
when Hermetcally Sealed in Glass with Double Stud This Glass Passivated Chip
Provides Excellent Stability & Reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation
PD
500
mW
Surge Power Dissipation @ tp=83ms
PDS
5.0
W
Operating & Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
Thermal Resistance Junction to Ambient (1)
Rth(j-a)
300
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Forward Voltage @ IF=200mA
VF
1.5
V
(1) On infinite Heatsink With 4mm Lead Length.
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Device
VZT
@ IZT * rZT @
IZT
rZK
@ IZK
IR
@
VR
IZM
Tamb
25 deg C 150degC
min
max
max
max
min
max
max
max
max
(V)
(V)
(ohm)
(mA)
(ohm)
(mA)
(uA)
(uA)
(V)
(mA)
BZX79C 2V4
2.20
2.60
100
5.0
600
1.0
-3.5
0
50
100
1.0
155
BZX79C 2V7
2.50
2.90
100
5.0
600
1.0
-3.5
0
20
50
1.0
135
BZX79C 3V0
2.80
3.20
95
5.0
600
1.0
-3.5
0
10
40
1.0
125
BZX79C 3V3
3.10
3.50
95
5.0
600
1.0
-3.5
0
5.0
40
1.0
115
BZX79C 3V6
3.40
3.80
90
5.0
600
1.0
-3.5
0
5.0
40
1.0
105
BZX79C 3V9
3.70
4.10
90
5.0
600
1.0
-3.5
0
3.0
40
1.0
95
BZX79C 4V3
4.00
4.60
90
5.0
600
1.0
-3.5
0
3.0
20
1.0
90
BZX79C 4V7
4.40
5.00
80
5.0
500
1.0
-3.5
0.2
3.0
10
2.0
85
BZX79C 5V1
4.80
5.40
60
5.0
480
1.0
-2.7
1.2
2.0
10
2.0
80
BZX79C 5V6
5.20
6.00
40
5.0
400
1.0
-2.0
2.5
1.0
10
2.0
70
BZX79C 6V2
5.80
6.60
10
5.0
150
1.0
0.4
3.7
3.0
10
4.0
64
BZX79C 6V8
6.40
7.20
15
5.0
80
1.0
1.2
4.5
2.0
5.0
4.0
58
BZX79C 7V5
7.00
7.90
15
5.0
80
1.0
2.5
5.3
1.0
5.0
5.0
53
BZX79C 8V2
7.70
8.70
15
5.0
80
1.0
3.2
6.2
0.7
2.0
5.0
47
BZX79C 9V1
8.50
9.60
15
5.0
100
1.0
3.8
7
0.5
2.0
6.0
43
BZX79C 10
9.40
10.60
20
5.0
150
1.0
4.5
8
0.2
2.0
7.0
40
BZX79C 11
10.40
11.60
20
5.0
150
1.0
5.4
9
0.1
2.0
8.0
36
BZX79C 12
11.40
12.70
25
5.0
150
1.0
6.0
10
0.1
2.0
8.0
32
BZX79C 13
12.40
14.10
30
5.0
170
1.0
7.0
11
0.1
2.0
8.0
29
BZX79C 15
13.80
15.60
30
5.0
200
1.0
9.2
13
0.05
2.0
10
27
BZX79C 16
15.30
17.10
40
5.0
200
1.0
10.4
14
0.05
2.0
11
24
BZX79C 18
16.80
19.10
45
5.0
225
1.0
12.4
16
0.05
2.0
13
21
BZX79C 20
18.80
21.20
55
5.0
225
1.0
14.4
18
0.05
2.0
14
20
BZX79C 22
20.80
23.30
55
5.0
250
1.0
16.4
20
0.05
2.0
15
18
(mV/deg C)
Temp. Coeff
of
VZ
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Número de pieza similar - BZX79C2V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BZX79C2V7 FAIRCHILD-BZX79C2V7 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C2V7 NJSEMI-BZX79C2V7 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C2V7 EIC-BZX79C2V7 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C2V7 TSC-BZX79C2V7 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
First Components Intern...
BZX79C2V7 FCI-BZX79C2V7 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Descripción similar - BZX79C2V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com