Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5819 Datasheet(PDF) 1 Page - Formosa MS

No. de pieza SM5819
Descripción Electrónicos  Silicon epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

SM5819 Datasheet(HTML) 1 Page - Formosa MS

  SM5819 Datasheet HTML 1Page - Formosa MS SM5819 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM5817 THRU SM5819
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, SM-1 (MELF)
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.015 gram
(V)
(V)
(V)
(V)
(
o C)
SM5817
-
20
14
20
0.45
SM5818
-
30
21
30
0.55
SM5819
-
40
28
40
0.60
SYMBOLS
MARKING
CODE
-55 to +125
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
25
A
VR = VRRM TA =
25
oC
1.0
mA
VR = VRRM TA = 100
oC
10
mA
Thermal resistance
Junction to ambient
R
qJA
80
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
110
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
MELF Schottky Barrier Diodes
Silicon epitaxial planer type
Formosa MS
Dimensions in inches and (millimeters)
SM-1
.105(2.7)
.095(2.4)
.205(5.2)
.190(4.8)
.024(.60)
.018(.46)
SOLDERABLE
ENDS


Número de pieza similar - SM5819

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SAMYANG ELECTRONICS CO....
SM5819 SAMYANG-SM5819 Datasheet
802Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
Rectron Semiconductor
SM5819 RECTRON-SM5819 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
MIC GROUP RECTIFIERS
SM5819 MIC-SM5819 Datasheet
59Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SM5819 SHUNYE-SM5819 Datasheet
94Kb / 2P
   Silicon epitaxial planer type
logo
Goodwork Semiconductor ...
SM5819 GWSEMI-SM5819 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SM5819

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
MA357J PANASONIC-MA357J Datasheet
22Kb / 2P
   Silicon epitaxial planer type
MA360J PANASONIC-MA360J Datasheet
22Kb / 2P
   Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
   Silicon epitaxial planer type
logo
Formosa MS
FM320 FORMOSA-FM320 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
   Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL12 PACELEADER-PSL12 Datasheet
260Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com