Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM03D0512A Datasheet(PDF) 3 Page - Delta Electronics, Inc. |
|
DM03D0512A Datasheet(HTML) 3 Page - Delta Electronics, Inc. |
3 / 5 page DS_DM03S/D_07182012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc P3 Environmental Specifications Parameter Conditions Min. Max. Unit Operating Temperature Range (with Derating) Ambient -40 +85 ℃ Case Temperature --- +95 ℃ Storage Temperature Range -50 +125 ℃ Humidity (non condensing) --- 95 % rel. H Cooling Free-Air convection Lead Temperature (1.5mm from case for 10Sec.) --- 260 ℃ Power Derating Curve Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3 Ripple & Noise measurement bandwidth is 0-20 MHz. 4 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5 All DC/DC converters should be externally fused at the front end for protection. 6 Specifications subject to change without notice. Mechancial Drawing Mechanical Dimensions Pin Connections Pin Single Output Dual Output 1 +Vin +Vin 11 No Pin Common 12 -Vout No Pin 13 +Vout -Vout 15 No Pin +Vout 23 -Vin -Vin 24 -Vin -Vin ►All dimensions in mm (inches) ►Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ►Pin diameter ⇔ 0.6 ±0.05 (0.024±0.002) Physical Outline Case Size : 31.8x20.3x10.5mm (1.25x0.8x0.41 Inches) Case Material : Non-Conductive Black Plastic (flammability to UL 94V-0 rated) Weight : 16.2g Bottom View 11 13 15 24 20.32 [0.80] 5.08 [0.20] 23 12 2.0 [0.08] 1 2.54 [0.10] 0.60 [0.024] 31.8 [1.25] |
Número de pieza similar - DM03D0512A |
|
Descripción similar - DM03D0512A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |