Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LK141 Datasheet(PDF) 1 Page - Polyfet RF Devices

No. de pieza LK141
Descripción Electrónicos  RF POWER LDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POLYFET [Polyfet RF Devices]
Página de inicio  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LK141 Datasheet(HTML) 1 Page - Polyfet RF Devices

  LK141 Datasheet HTML 1Page - Polyfet RF Devices LK141 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
Push - Pull
AK
30.0
0.7
30.0
0.90 C/W
110
1.0
5.50
1.0
40
0.50
2.00
9.0
160
0.15
110
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.40
25.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
1,000
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
1,000
1,000
Common Source Input Capacitance
110
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
25
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
60.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
50.0
A, Vds =
V, F =
A, Vds =
V, F =
50.0
50.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
60.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
50.0
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet"
process features
low feedback and output capacitances,
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
50.0
Vds =
Vgs = 0V, F = 1 MHz
50.0
Vds =
Vgs = 0V, F = 1 MHz
50.0
REVISION 11/09/2009
20
25 C )
WATTS OUTPUT )
200
polyfet rf devices
LK141
15:1
ROHS COMPLIANT


Número de pieza similar - LK141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
LK14-LFR FRONTIER-LK14-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Polyfet RF Devices
LK142 POLYFET-LK142 Datasheet
51Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Descripción similar - LK141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Polyfet RF Devices
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
   RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
   RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
   RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ821 POLYFET-LQ821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com