Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8S13A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SM8S13A
Descripción Electrónicos  Automotive Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SM8S13A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SM8S13A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S13A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S13A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S13A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM8S10 thru SM8S43A
Note:
For all types maximum VF = 1.8 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per
minute maximum
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR (V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM REVERSE
LEAKAGE
AT VWM
TJ = 175 °C
ID (µA)
MAX. PEAK
PULSE
CURRENT
AT 10/1000 µs
WAVEFORM (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SM8S10
11.1
13.6
5.0
10.0
15
250
351
18.8
SM8S10A
11.1
12.3
5.0
10.0
15
250
388
17.0
SM8S11
12.2
14.9
5.0
11.0
10
150
328
20.1
SM8S11A
12.2
13.5
5.0
11.0
10
150
363
18.2
SM8S12
13.3
16.3
5.0
12.0
10
150
300
22.0
SM8S12A
13.3
14.7
5.0
12.0
10
150
332
19.9
SM8S13
14.4
17.6
5.0
13.0
10
150
277
23.8
SM8S13A
14.4
15.9
5.0
13.0
10
150
307
21.5
SM8S14
15.6
19.1
5.0
14.0
10
150
256
25.8
SM8S14A
15.6
17.2
5.0
14.0
10
150
284
23.2
SM8S15
16.7
20.4
5.0
15.0
10
150
245
26.9
SM8S15A
16.7
18.5
5.0
15.0
10
150
270
24.4
SM8S16
17.8
21.8
5.0
16.0
10
150
229
28.8
SM8S16A
17.8
19.7
5.0
16.0
10
150
254
26.0
SM8S17
18.9
23.1
5.0
17.0
10
150
216
30.5
SM8S17A
18.9
20.9
5.0
17.0
10
150
239
27.6
SM8S18
20.0
24.4
5.0
18.0
10
150
205
32.2
SM8S18A
20.0
22.1
5.0
18.0
10
150
226
29.2
SM8S20
22.2
27.1
5.0
20.0
10
150
184
35.8
SM8S20A
22.2
24.5
5.0
20.0
10
150
204
32.4
SM8S22
24.4
29.8
5.0
22.0
10
150
168
39.4
SM8S22A
24.4
26.9
5.0
22.0
10
150
186
35.5
SM8S24
26.7
32.6
5.0
24.0
10
150
153
43.0
SM8S24A
26.7
29.5
5.0
24.0
10
150
170
38.9
SM8S26
28.9
35.3
5.0
26.0
10
150
142
46.6
SM8S26A
28.9
31.9
5.0
26.0
10
150
157
42.1
SM8S28
31.1
38.0
5.0
28.0
10
150
132
50.1
SM8S28A
31.1
34.4
5.0
28.0
10
150
145
45.4
SM8S30
33.3
40.7
5.0
30.0
10
150
123
53.5
SM8S30A
33.3
36.8
5.0
30.0
10
150
136
48.4
SM8S33
36.7
44.9
5.0
33.0
10
150
112
59.0
SM8S33A
36.7
40.6
5.0
33.0
10
150
124
53.3
SM8S36
40.0
48.9
5.0
36.0
10
150
103
64.3
SM8S36A
40.0
44.2
5.0
36.0
10
150
114
58.1
SM8S40
44.4
54.3
5.0
40
10
150
92.4
71.4
SM8S40A
44.4
49.1
5.0
40
10
150
102
64.5
SM8S43
47.8
58.4
5.0
43
10
150
86
76.7
SM8S43A
47.8
52.8
5.0
43
10
150
95.1
69.4
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to case
RθJC
0.90
°C/W
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - SM8S13A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM8S13A VISHAY-SM8S13A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S13A SUNMATE-SM8S13A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SM8S13A UNSEMI-SM8S13A Datasheet
3Mb / 6P
   Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Vishay Siliconix
SM8S13A VISHAY-SM8S13A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shunye Enterprise
SM8S13A SHUNYE-SM8S13A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Descripción similar - SM8S13A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com