Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC79M05 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC79M05
Descripción Electrónicos  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M05 Datasheet(HTML) 9 Page - ON Semiconductor

  MC79M05 Datasheet HTML 1Page - ON Semiconductor MC79M05 Datasheet HTML 2Page - ON Semiconductor MC79M05 Datasheet HTML 3Page - ON Semiconductor MC79M05 Datasheet HTML 4Page - ON Semiconductor MC79M05 Datasheet HTML 5Page - ON Semiconductor MC79M05 Datasheet HTML 6Page - ON Semiconductor MC79M05 Datasheet HTML 7Page - ON Semiconductor MC79M05 Datasheet HTML 8Page - ON Semiconductor MC79M05 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC79M00 Series
http://onsemi.com
9
PACKAGE DIMENSIONS
DPAK−3
DT SUFFIX
CASE 369C
ISSUE D
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC79M00/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Número de pieza similar - MC79M05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC79M05 ONSEMI-MC79M05 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M05BDT MOTOROLA-MC79M05BDT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M05BDT ONSEMI-MC79M05BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M05BDT-1 MOTOROLA-MC79M05BDT-1 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M05BDTG ONSEMI-MC79M05BDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Descripción similar - MC79M05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com