Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL16020DCT Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SL16020DCT
Descripción Electrónicos  Low Jitter and Power Clock Generator with SSCG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16020DCT Datasheet(HTML) 5 Page - Silicon Laboratories

  SL16020DCT Datasheet HTML 1Page - Silicon Laboratories SL16020DCT Datasheet HTML 2Page - Silicon Laboratories SL16020DCT Datasheet HTML 3Page - Silicon Laboratories SL16020DCT Datasheet HTML 4Page - Silicon Laboratories SL16020DCT Datasheet HTML 5Page - Silicon Laboratories SL16020DCT Datasheet HTML 6Page - Silicon Laboratories SL16020DCT Datasheet HTML 7Page - Silicon Laboratories SL16020DCT Datasheet HTML 8Page - Silicon Laboratories SL16020DCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev 2.2, August 1, 2010
Page 5 of 10
SL16020DC
Table 5. SSEL1 and SSEL0 versus Spread % Selection at SSCLK
SSEL1 (Pin 3)
SSEL0 (Pin 7)
Spread Percent (%)
SSCLK (Pin 5)
Low (VSS)
Low (VSS)
Spread Off (No Spread)
Low (VSS)
Middle (VDD/2)
-0.50%
Low (VSS)
High (VDD)
-0.375%
Middle (VDD/2)
Low (VSS)
-0.25%
Middle (VDD/2)
Middle (VDD/2)
-0.75%
Middle (VDD/2)
High (VDD)
-1.00%
High (VDD)
Low (VSS)
-1.50%
High (VDD)
Middle (VDD/2)
Spread Off (No Spread)-Test
High (VDD)
High (VDD)
Spread Off (No Spread)-Test
Table 6. Recommended Crystal Specifications
Description
Min
Typ
Max
Unit
Nominal Frequency (Fundamental Crystal)
-
27.000
-
MHz
Crystal Accuracy
-
+/-10
-
ppm
Load Capacitance
6
12
18
pF
Shunt Capacitance
-
-
7.0
pF
Equivalent Series Resistance (ESR)
-
-
30
Ω
Drive Level
-
-
1.0
mW


Número de pieza similar - SL16020DCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL16020DCT SILABS-SL16020DCT Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

Descripción similar - SL16020DCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com