Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM6T10A Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SM6T10A Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 5 page SM6T Series www.vishay.com Vishay General Semiconductor Revision: 06-Jun-14 2 Document Number: 88385 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) For bi-directional devices add suffix “CA” (2) VBR measured after IT applied for 300 µs square wave pulse (3) For bi-polar devices with VR = 10 V or under, the IT limit is doubled Note (1) Mounted on minimum recommended pad layout Note (1) AEC-Q101 qualified ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) TYPE (1) DEVICE MARKING CODE BREAKDOWN VOLTAGE VBR AT IT (2) (V) TEST CURRENT IT (mA) STAND-OFF VOLTAGE VWM (V) LEAKAGE CURRENT IRM AT VRM (μA) CLAMPING VOLTAGE VC AT IPPM 10/1000 μs CLAMPING VOLTAGE VC AT IPP 8/20 μs T MAX. 10-4/°C UNI BI MIN. MAX. (V) (A) (V) (A) SM6T6V8A KE7 KE7 6.45 7.14 10 5.80 1000 10.5 57.0 13.4 298 5.7 SM6T7V5A KK7 AK7 7.13 7.88 10 6.40 500 11.3 53.0 14.5 276 6.1 SM6T10A KT7 AT7 9.50 10.5 1.0 8.55 10.0 14.5 41.0 18.6 215 7.3 SM6T12A KX7 AX7 11.4 12.6 1.0 10.2 5.0 16.7 36.0 21.7 184 7.8 SM6T15A LG7 LG7 14.3 15.8 1.0 12.8 1.0 21.2 28.0 27.2 147 8.4 SM6T18A LM7 BM7 17.1 18.9 1.0 15.3 1.0 25.2 24.0 32.5 123 8.8 SM6T22A LT7 BT7 20.9 23.1 1.0 18.8 1.0 30.6 20.0 39.3 102 9.2 SM6T24A LV7 LV7 22.8 25.2 1.0 20.5 1.0 33.2 18.0 42.8 93 9.4 SM6T27A LX7 BX7 25.7 28.4 1.0 23.1 1.0 37.5 16.0 48.3 83 9.6 SM6T30A ME7 CE7 28.5 31.5 1.0 25.6 1.0 41.5 14.5 53.5 75 9.7 SM6T33A MG7 MG7 31.4 34.7 1.0 28.2 1.0 45.7 13.1 59 68 9.8 SM6T36A MK7 CK7 34.2 37.8 1.0 30.8 1.0 49.9 12.0 64.3 62 9.9 SM6T39A MM7 CM7 37.1 41.0 1.0 33.3 1.0 53.9 11.1 69.7 57 10.0 SM6T68A NG7 NG7 64.6 71.4 1.0 58.1 1.0 92.0 6.50 121 33 10.4 SM6T100A NV7 NV7 95.0 105 1.0 85.5 1.0 137 4.40 178 22.5 10.6 SM6T150A PK7 PK7 143 158 1.0 128 1.0 207 2.90 265 15 10.8 SM6T200A PR7 PR7 190 210 1.0 171 1.0 274 2.20 353 11.3 10.8 SM6T220A PR8 PR8 209 231 1.0 188 1.0 328 2.00 388 10.3 10.8 THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Typical thermal resistance, junction to ambient air (1) RJA 100 °C/ W Typical thermal resistance, junction to lead RJL 20 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SM6T10A-E3/52 0.096 52 750 7" diameter plastic tape and reel SM6T10A-E3/5B 0.096 5B 3200 13" diameter plastic tape and reel SM6T10AHE3/52 (1) 0.096 52 750 7" diameter plastic tape and reel SM6T10AHE3/5B (1) 0.096 5B 3200 13" diameter plastic tape and reel |
Número de pieza similar - SM6T10A |
|
Descripción similar - SM6T10A |