Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM51108EL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza SM51108EL
Descripción Electrónicos  SM51108L 10/100 Base Tx VolP Modules (Power over Ethernet - PoE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM51108EL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SM51108EL Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.70
(0.028)
0 ° ~ 8 °
0.24 ± 0.14
(0.010 ± 0.006)
5.45 ± 0.25
(0.215 ± 0.010)
8.89
(0.350)
0.76
(0.030)
1.27
(0.005)
7.13
(0.281)
10.48
(0.413)
Bourns
SM51108L
YYWW
8.89
(0.350)
12.00
(0.472)
1.27
(0.005)
0.48 ± 0.30
(0.019 ± 0.012)
MAX.
MAX.
PIN 1
7.00
(0.276)
9.30
(0.366)
Features
RoHS compliant*
IEEE802 3af/ANSI X3.263
Applications
VolP
PoE
SM51108L 10/100 Base Tx VolP Modules (Power over Ethernet - PoE)
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications
Inductance - Open Circuit .... 350
μH min.
... (100 KHz, 0.1 V with 8 mA DC bias)
Turns Ratio ..............................1CT: 1CT
Insertion Loss
.................... 1-100 MHz, -1.2 dB max.
Return Loss (@ 100 ohms)
1-30 MHz...........................-16 dB min.
40 MHz..............................-14 dB min.
50 MHz..............................-13 dB min.
60-80 MHz.........................-12 dB min.
Cross Talk
60 MHz..............................-40 dB min.
100 MHz............................-35 dB min.
DCMRR
30 MHz.............................-43 dB min.
60 MHz..............................-37 dB min.
100 MHz............................-33 dB min.
PoE Current................ Up to 320 mA DC
Isolation ..................................1500 VAC
Operating Temperature
..................................-40 °C to +85 °C
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Packaging Specifications
...................................... 700 pcs. /reel
Electrical Schematic
REV. 06/12
Recommended Layout
How To Order
SM51108E L
Model
Termination
L = Tin only (RoHS Compliant)
1
TD+
3
TD-
2
16
14
15
TCT
TX1+
TX1-
TXCT
6
RD+
8
RD-
7
11
9
10
RCT
RX1+
RX-
RXCT


Número de pieza similar - SM51108EL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SM51108L BOURNS-SM51108L Datasheet
157Kb / 1P
   10/100 Base Tx VolP Modules (Power over Ethernet - PoE)
More results

Descripción similar - SM51108EL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SM51108L BOURNS-SM51108L Datasheet
157Kb / 1P
   10/100 Base Tx VolP Modules (Power over Ethernet - PoE)
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16112S1 VITALCONN-TA16112S1 Datasheet
253Kb / 1P
   POWER OVER ETHERNET PoE Plus MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
logo
Bourns Electronic Solut...
SM13126PEL BOURNS-SM13126PEL Datasheet
445Kb / 3P
   LAN 10/100 Base-Tx VoIP Transformer (PoE) Modules
logo
LinkCom Manufacturing C...
LAN2200-50 LINKCOM-LAN2200-50 Datasheet
143Kb / 1P
   10/100BASE-Tx Power over Ethernet (PoE) Magnetics Module
LAN2005-50 LINKCOM-LAN2005-50 Datasheet
85Kb / 1P
   10/100BASE-Tx Power over Ethernet (PoE) Magnetics Module
LAN2019-51 LINKCOM-LAN2019-51 Datasheet
76Kb / 1P
   10/100BASE-Tx Power over Ethernet (PoE) Magnetics Module
logo
Bothhand USA, LP.
24STS08 BOTHHAND-24STS08 Datasheet
164Kb / 1P
   10/100 BASE -TX VOLCE OVER IP MAGNETICS MODULES
TS2019M BOTHHAND-TS2019M Datasheet
195Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com