Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMDJ8.5A Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

No. de pieza SMDJ8.5A
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PACELEADER [PACELEADER INDUSTRIAL]
Página de inicio  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMDJ8.5A Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMDJ8.5A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMDJ8.5A Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMDJ8.5A Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMDJ8.5A Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMDJ8.5A Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Uni-polar
Bi-polar
Uni
Bi
Min (V)
Max (V)
IT (mA)
SMDJ5.0
SMDJ5.0C
RDD DDD
6.40
7.30
10
1000
5.0
313
9.6
SMDJ5.0A
SMDJ5.0CA RDE DDE
6.40
7.00
10
1000
5.0
326
9.2
SMDJ6.0
SMDJ6.0C
RDF DDF
6.67
8.15
10
1000
6.0
263
11.4
SMDJ6.0A
SMDJ6.0CA RDG DDG
6.67
7.37
10
1000
6.0
291
10.3
SMDJ6.5
SMDJ6.5C
RDH DDH
7.22
8.82
10
500
6.5
244
12.3
SMDJ6.5A
SMDJ6.5CA RDK DDK
7.22
7.98
10
500
6.5
268
11.2
SMDJ7.0
SMDJ7.0C
RDL DDL
7.78
9.51
10
200
7.0
226
13.3
SMDJ7.0A
SMDJ7.0CA PDM DDM
7.78
8.60
10
200
7.0
250
12.0
SMDJ7.5
SMDJ7.5C
PDN DDN
8.33
10.2
1
100
7.5
210
14.3
SMDJ7.5A
SMDJ7.5CA
PDP DDP
8.33
9.21
1
100
7.5
233
12.9
SMDJ8.0
SMDJ8.0C
PDQ DDQ
8.89
10.9
1
50
8.0
200
15.0
SMDJ8.0A
SMDJ8.0CA PDR DDR
8.89
9.83
1
50
8.0
221
13.6
SMDJ8.5
SMDJ8.5C
PDS DDS
9.44
11.5
1
25
8.5
189
15.9
SMDJ8.5A
SMDJ8.5CA
PDT DDT
9.44
10.4
1
25
8.5
208
14.4
SMDJ9.0
SMDJ9.0C
PDU DDU
10.0
12.2
1
10
9.0
178
16.9
SMDJ9.0A
SMDJ9.0CA
PDV DDV
10.0
11.1
1
10
9.0
195
15.4
SMDJ10
SMDJ10C
PDW DDW
11.1
13.6
1
5.0
10
160
18.8
SMDJ10A
SMDJ10CA
PDX DDX
11.1
12.3
1
5.0
10
176
17.0
SMDJ11
SMDJ11C
PDY DDY
12.2
14.9
1
5.0
11
149
20.1
SMDJ11A
SMDJ11CA
PDZ DDZ
12.2
13.5
1
5.0
11
165
18.2
SMDJ12
SMDJ12C
PED DED
13.3
16.3
1
5.0
12
136
22.0
SMDJ12A
SMDJ12CA
PEE DEE
13.3
14.7
1
5.0
12
151
19.9
SMDJ13
SMDJ13C
PEF DEF
14.4
17.6
1
5.0
13
126
23.8
SMDJ13A
SMDJ13CA
PEG DEG
14.4
15.9
1
5.0
13
140
21.5
SMDJ14
SMDJ14C
PEH DEH
15.6
19.1
1
5.0
14
116
25.8
SMDJ14A
SMDJ14CA
PEK DEK
15.6
17.2
1
5.0
14
129
23.2
SMDJ15
SMDJ15C
PEL DEL
16.7
20.4
1
5.0
15
112
26.9
SMDJ15A
SMDJ15CA
PEM DEM
16.7
18.5
1
5.0
15
123
24.4
SMDJ16
SMDJ16C
PEN DEN
17.8
21.8
1
5.0
16
104
28.8
SMDJ16A
SMDJ16CA
PEP DEP
17.8
19.7
1
5.0
16
115
26.0
SMDJ17
SMDJ17C
PEQ DEQ
18.9
23.1
1
5.0
17
98.4
30.5
SMDJ17A
SMDJ17CA
PER DER
18.9
20.9
1
5.0
17
109
27.6
SMDJ18
SMDJ18C
PES DES
20.0
24.4
1
5.0
18
93.2
32.2
SMDJ18A
SMDJ18CA
PET DET
20.0
22.1
1
5.0
18
103
29.2
SMDJ19
SMDJ19C
PEA DEA
21.1
25.8
1
5.0
19
88.2
34.0
SMDJ19A
SMDJ19CA
PEB DEB
21.1
23.3
1
5.0
19
97.5
30.8
SMDJ20
SMDJ20C
PEU DEU
22.2
27.1
1
5.0
20
83.8
35.8
SMDJ20A
SMDJ20CA
PEV DEV
22.2
24.5
1
5.0
20
92.6
32.4
SMDJ22
SMDJ22C
PEW DEW
24.4
29.8
1
5.0
22
76.1
39.4
SMDJ22A
SMDJ22CA
PEX DEX
24.4
26.9
1
5.0
22
84.5
35.5
SMDJ24
SMDJ24C
PEY DEY
26.7
32.6
1
5.0
24
69.8
43.0
SMDJ24A
SMDJ24CA
PEZ DEZ
26.7
29.5
1
5.0
24
77.1
38.9
SMDJ26
SMDJ26C
PFD DFD
28.9
35.3
1
5.0
26
64.4
46.6
SMDJ26A
SMDJ26CA
PFE DFE
28.9
31.9
1
5.0
26
71.3
42.1
SMDJ28
SMDJ28C
PFF DFF
31.1
38.0
1
5.0
28
60.0
50.0
SMDJ28A
SMDJ28CA
PFG DFG
31.1
34.4
1
5.0
28
66.1
45.4
SMDJ30
SMDJ30C
PFH DFH
33.3
40.7
1
5.0
30
56.1
53.5
SMDJ30A
SMDJ30CA
PFK DFK
33.3
36.8
1
5.0
30
62.0
48.4
SMDJ33
SMDJ33C
PFL DFL
36.7
44.9
1
5.0
33
50.8
59.0
SMDJ33A
SMDJ33CA
PFM DFM
36.7
40.6
1
5.0
33
56.3
53.3
SMDJ36
SMDJ36C
PFN DFN
40.0
48.9
1
5.0
36
46.7
64.3
SMDJ36A
SMDJ36CA
PFP DFP
40.0
44.2
1
5.0
36
51.6
58.1
SMDJ40
SMDJ40C
PFQ DFQ
44.4
54.3
1
5.0
40
42.0
71.4
SMDJ40A
SMDJ40CA
PFR DFR
44.4
49.1
1
5.0
40
46.5
64.5
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakRevers
e Voltage
VRWM
(Volts)
TECHNOLOGIES
SMDJ SERIES
Breakdown voltage VBR @
IT
Device
Marking
Code
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
SMDJ5.0 thru SMDJ
0 CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
44
2
www.paceleader.tw


Número de pieza similar - SMDJ8.5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMDJ8.5A ETC1-SMDJ8.5A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ8.5A LITTELFUSE-SMDJ8.5A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
DONGGUAN YOU FENG WEI E...
SMDJ8.5A YFWDIODE-SMDJ8.5A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Guangdong Juxing Electr...
SMDJ8.5A JUXING-SMDJ8.5A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
MDE Semiconductor, Inc.
SMDJ8.5A MDE-SMDJ8.5A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMDJ8.5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com