Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-013YT Datasheet(PDF) 10 Page - Rohm

No. de pieza SML-013YT
Descripción Electrónicos  Reflector type (3.0횞2.0mm, t1.3mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-013YT Datasheet(HTML) 10 Page - Rohm

Back Button SML-013YT Datasheet HTML 2Page - Rohm SML-013YT Datasheet HTML 3Page - Rohm SML-013YT Datasheet HTML 4Page - Rohm SML-013YT Datasheet HTML 5Page - Rohm SML-013YT Datasheet HTML 6Page - Rohm SML-013YT Datasheet HTML 7Page - Rohm SML-013YT Datasheet HTML 8Page - Rohm SML-013YT Datasheet HTML 9Page - Rohm SML-013YT Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
R1102
A
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
The information contained herein is subject to change without notice.
Before you use our Products, please contact our sales representative and verify the latest specifica-
tions :
Although ROHM is continuously working to improve product reliability and quality, semicon-
ductors can break down and malfunction due to various factors.
Therefore, in order to prevent personal injury or fire arising from failure, please take safety
measures such as complying with the derating characteristics, implementing redundant and
fire prevention designs, and utilizing backups and fail-safe procedures. ROHM shall have no
responsibility for any damages arising out of the use of our Poducts beyond the rating specified by
ROHM.
Examples of application circuits, circuit constants and any other information contained herein are
provided only to illustrate the standard usage and operations of the Products. The peripheral
conditions must be taken into account when designing circuits for mass production.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly,
any license to use or exercise intellectual property or other rights held by ROHM or any other
parties. ROHM shall have no responsibility whatsoever for any dispute arising out of the use of
such technical information.
The Products are intended for use in general electronic equipment (i.e. AV/OA devices, communi-
cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in
this document.
The Products specified in this document are not designed to be radiation tolerant.
For use of our Products in applications requiring a high degree of reliability (as exemplified
below), please contact and consult with a ROHM representative : transportation equipment (i.e.
cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety
equipment, medical systems, servers, solar cells, and power transmission systems.
Do not use our Products in applications requiring extremely high reliability, such as aerospace
equipment, nuclear power control systems, and submarine repeaters.
ROHM shall have no responsibility for any damages or injury arising from non-compliance with
the recommended usage conditions and specifications contained herein.
ROHM has used reasonable care to ensur the accuracy of the information contained in this
document. However, ROHM does not warrants that such information is error-free, and ROHM
shall have no responsibility for any damages arising from any inaccuracy or misprint of such
information.
Please use the Products in accordance with any applicable environmental laws and regulations,
such as the RoHS Directive. For more details, including RoHS compatibility, please contact a
ROHM sales office. ROHM shall have
no responsibility for any damages or losses resulting
non-compliance with any applicable laws or regulations.
When providing our Products and technologies contained in this document to other countries,
you must abide by the procedures and provisions stipulated in all applicable export laws and
regulations, including without limitation the US Export Administration Regulations and the Foreign
Exchange and Foreign Trade Act.
This document, in part or in whole, may not be reprinted or reproduced without prior consent of
ROHM.
1)
2)
3)
4)
5)
6)
7)
8)
9)
10)
11)
12)
13)
14)


Número de pieza similar - SML-013YT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-013YT ROHM-SML-013YT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-013YT ROHM-SML-013YT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-013YT ROHM-SML-013YT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-013YT ROHM-SML-013YT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-013YT ROHM-SML-013YT Datasheet
497Kb / 10P
   SML-01 series
More results

Descripción similar - SML-013YT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com