Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-012PTA Datasheet(PDF) 7 Page - Rohm

No. de pieza SML-012PTA
Descripción Electrónicos  Reflector type (3.0횞2.0mm, t1.3mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-012PTA Datasheet(HTML) 7 Page - Rohm

Back Button SML-012PTA Datasheet HTML 2Page - Rohm SML-012PTA Datasheet HTML 3Page - Rohm SML-012PTA Datasheet HTML 4Page - Rohm SML-012PTA Datasheet HTML 5Page - Rohm SML-012PTA Datasheet HTML 6Page - Rohm SML-012PTA Datasheet HTML 7Page - Rohm SML-012PTA Datasheet HTML 8Page - Rohm SML-012PTA Datasheet HTML 9Page - Rohm SML-012PTA Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
lTaping
T86
T87
lPart No. Construction
lPacking Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card
inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
2.4
4
2
±0.1
±0.05
φ1.5 +0.1
0
(Unit:mm)
Cathode mark
Pull
direction
Packing
quantity
2500pcs/reel
(note)
Tolerance is within ±0.2mm
unless otherwise specified
11.4 ±1
1.6±0.1
2.4
4
2
±0.1
±0.05
φ1.5 +0.1
0
(Unit:mm)
Cathode mark
Pull
direction
Packing
quantity
2500pcs/reel
(note)
Tolerance is within ±0.2mm
unless otherwise specified
11.4 ±1
1.6±0.1
7/9
2013.08 - Rev.C


Número de pieza similar - SML-012PTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-012PTA ROHM-SML-012PTA Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-012PTA ROHM-SML-012PTA Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
More results

Descripción similar - SML-012PTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com