Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-020MVT Datasheet(PDF) 5 Page - Rohm

No. de pieza SML-020MVT
Descripción Electrónicos  Two-color chip LEDs with reflectors SML-020 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-020MVT Datasheet(HTML) 5 Page - Rohm

  SML-020MVT Datasheet HTML 1Page - Rohm SML-020MVT Datasheet HTML 2Page - Rohm SML-020MVT Datasheet HTML 3Page - Rohm SML-020MVT Datasheet HTML 4Page - Rohm SML-020MVT Datasheet HTML 5Page - Rohm SML-020MVT Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SML-020 Series
Light Emitting Diodes
5/6
!
!
!
!
Electrical characteristics4 (SML-020MYT)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta
=25°C
Yellow
Green
Fig. 23 Forward current
Fig. 3 vs. forward voltage
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
20
0
60
80
1.6
IF=20mA
CASE TEMPERATURE : Tc
(˚C)
Yellow
Green
Fig. 24 Luminous intensity vs.
case temperature
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50
100
5
FORWARD CURRENT : IF
(
mA)
Ta=25˚C
Green
Yellow
Fig. 25 Luminous intensity vs.
forward current
1
2
2.4
3
4
5
6
10
520
50
PULSE DURATION : Tw
(
µs)
10
3
10
2
10
4
Fig. 26 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
f=1kHz
DC
15%
20%
10%
5%
Yellow, GREEN
DF=50%
Fig. 27 Luminous intensity vs.
peak forward current
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Green
Yellow
Fig. 28 Maximum forward current
vs. ambient temperature
!
!
!
!
Electrical characteristics5 (SML-020PDT)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta
=25°C
Orange
Pure Green
Fig. 29 Forward current
Fig. 3 vs. forward voltage
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
20
0
60
80
1.6
IF=20mA
CASE TEMPERATURE : Tc
(˚C)
Orange
Pure Green
Fig. 30 Luminous intensity vs.
case temperature
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50 100
5
FORWARD CURRENT : IF
(
mA)
Ta=25˚C
Pure Green
Orange
Fig. 31 Luminous intensity vs.
forward current


Número de pieza similar - SML-020MVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-020MVT ROHM-SML-020MVT Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
1Mb / 4P
   2-color type with eflector(standard)
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
More results

Descripción similar - SML-020MVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020_1 Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020 Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-010VTT86 ROHM-SML-010VTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors SML-010 Series
SML-010YT ROHM-SML-010YT Datasheet
207Kb / 5P
   Chip LEDs with reflectors
SML-010LTT86 ROHM-SML-010LTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
SML-010MTT86 ROHM-SML-010MTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
logo
List of Unclassifed Man...
SML-011 ETC-SML-011 Datasheet
27Kb / 3P
   Chip LEDs with reflectors
logo
Rohm
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
   Two-color chip LEDs, super small type
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com