Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SML-Z14PTA Datasheet(PDF) 7 Page - Rohm

No. de Pieza. SML-Z14PTA
Descripción  20/50mA guaranteed specifications
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

SML-Z14PTA Datasheet(HTML) 7 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
lChromaticity Diagram
[Chromaticity Coordimates] (Ta=25ºC, IF=20mA)
Measurement tolerance : 0.02
[Chromaticity Coordimates] (Ta=25ºC, IF=20mA)
Measurement tolerance : 0.02
1
2
3
5
0
4
CIE x
CIE x
SMLZ14WBGCW1(A)
SMLZ14WBGDW1(A)
5
6
7
9
4
8
x
y
x
y
x
y
0.286 0.244 0.280 0.252 0.296 0.259
0.280 0.252 0.273 0.261 0.291 0.268
0.291 0.268 0.285 0.279 0.310 0.297
0.296 0.259 0.291 0.268 0.313 0.284
x
y
x
y
x
y
0.291 0.268 0.313 0.284 0.310 0.297
0.285 0.279 0.310 0.297 0.307 0.312
0.307 0.312 0.330 0.330 0.330 0.347
0.310 0.297 0.330 0.310 0.330 0.330
0
1
2
3
4
5
x
x
x
y
x
y
0.313 0.284 0.310 0.297 0.330 0.310
0.310 0.297 0.307 0.312 0.330 0.330
0.330 0.330 0.330 0.347 0.338 0.342
0.330 0.310 0.330 0.330 0.352 0.344
x
y
x
y
x
y
0.330 0.330 0.352 0.344 0.345 0.352
0.330 0.347 0.338 0.342 0.347 0.371
0.347 0.371 0.364 0.380 0.367 0.401
0.345 0.352 0.360 0.357 0.364 0.380
4
5
6
7
8
9
7/10
2013.08 - Rev.C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn