Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4961GS-G1 Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza AM4961GS-G1
Descripción Electrónicos  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GS-G1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4961GS-G1 Datasheet HTML 2Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 3Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 4Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 5Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 6Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 7Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 8Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 9Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Data Sheet
6
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Output Current
IOUT
1.0
A
Output Voltage
VOUT
18
V
HB Output Current
IHB
10
mA
VPWM Input Voltage
VPWM
6V
RD Output Voltage
VRD
18
V
FG Output Voltage
VFG
18
V
RD Output Current
IRD
10
mA
FG Output Current
IFG
10
mA
Power Dissipation (Note 3)
PD
SSOP-16
0.8
W
HTSSOP-14
1.1
W
Storage Temperature Range
TSTG
-55 to 150
oC
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
250
V
Note 2: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 3: TA=25oC, no external heatsink.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
12
16
V
Hall Input Voltage + (Note 4)
VIN+
0.2
3
V
Hall Input Voltage - (Note 4)
VIN-
0.2
3
V
Ambient Temperature
TA
-30
90
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 2)
Note 4: Hall input voltage range includes the amplitude of signal.


Número de pieza similar - AM4961GS-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AM4961GS-G1 DIODES-AM4961GS-G1 Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
More results

Descripción similar - AM4961GS-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com