Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G34W5-7 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 74LVC1G34W5-7
Descripción Electrónicos  SINGLE BUFFER GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G34W5-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G34W5-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G34W5-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74LVC1G34
Document number: DS36108 Rev. 3 - 2
1 of 15
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G34
SINGLE BUFFER GATE
Description
The 74LVC1G34 is a single buffer gate with a standard push-pull
output. The device is designed for operation with a power supply
range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this
device to be used in a mixed voltage environment. The device is fully
specified for partial power down applications using IOFF. The IOFF
circuitry disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
A
Y
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Range of Package Options
Direct Interface with TTL Levels
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as.
PCs, Networking, Notebooks, Netbooks, PDAs
Tablet Computers, E-readers
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, Set Top Box
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Future
Product
Future
Product
Future
Product
Future
Product
Future
Product
Future
Product


Número de pieza similar - 74LVC1G34W5-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Silicon Supplies
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
   Single Buffer Gate in bare die form
logo
Nexperia B.V. All right...
74LVC1G34 NEXPERIA-74LVC1G34 Datasheet
271Kb / 18P
   Single buffer
Rev. 9 - 18 January 2022
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
NXP Semiconductors
74LVC1G34GF NXP-74LVC1G34GF Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
More results

Descripción similar - 74LVC1G34W5-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com