Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G34SE-7 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza 74LVC1G34SE-7
Descripción Electrónicos  SINGLE BUFFER GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G34SE-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC1G34SE-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G34SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVC1G34
Document number: DS36108 Rev. 3 - 2
2 of 15
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G34
Ordering Information
74 LVC1G 34 XXX -7
Logic Device
Function
Package
Packing
74 : Logic Prefix
34 :
1-Input
W5 : SOT25
-7 : 7” Tape & Reel
LVC : 1.65 to 5.5 V
Buffer Gate
SE : SOT353
Logic Family
Z : SOT553
1G : One Gate
FS3 : X2-DFN0808-4
FW5 : X1-DFN1010-6
FW4 :X2-DFN1010-6
FX4 : X2- DFN1409-6
FZ4 : X2- DFN1410-6
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. The taping orientation is located on our website at
http://www.diodes.com/datasheets/ap02007.pdf
Pin Descriptions
Pin Name
Description
NC
No Connection
A
Data Input
GND
Ground
Y
Data Output
VCC
Supply Voltage
Function Table
Inputs
Output
A
Y
H
H
L
L
Logic Diagram
Device
Packa
ge
Code
Package
(Notes 4, 5)
Package
Size
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G34W5-7
(Future Product)
W5
SOT25
(Future Product)
3.0mm X 2.8mm X 1.2mm
0.95mm lead pitch
3000/Tape & Reel
-7
74LVC1G34SE-7
(Future Product)
SE
SOT353
(Future Product)
2.0mm X 2.0mm X 1.1mm
0.65mm lead pitch
3000/Tape & Reel
-7
74LVC1G34Z-7
(Future Product)
Z
SOT553
(Future Product)
1.6mm X 1.6 mm X 0.62mm
0.5mm lead pitch
4000/Tape & Reel
-7
74LVC1G34FS3-7
FS3
X2-DFN0808-4
0.9mm X 0.9 mm X 0.35mm
0.5mm pad pitch (diamond)
5000/Tape & Reel
-7
74LVC1G34FW5-7
(Future Product)
FW5
X1-DFN1010-6
(Future Product)
1.0mm X 1.0mm X 0.5mm
0.35mm pad pitch
5000/Tape & Reel
-7
74LVC1G34FW4-7
(Future Product)
FW4
X2-DFN1010-6
(Future Product)
1.0mm X 1.0mm X 0.4mm
0.35mm pad pitch
5000/Tape & Reel
-7
74LVC1G34FX4-7
(Future Product)
FX4
X2-DFN1409-6
(Chip scale alternative)
1.4mm X 0.9mm X 0.4mm
0.5mm pad pitch
5000/Tape & Reel
-7
74LVC1G34FZ4-7
(Future Product)
FZ4
X2-DFN1410-6
(Future Product)
1.4mm X 1.0mm X 0.4mm
0.5mm pad pitch
5000/Tape & Reel
-7


Número de pieza similar - 74LVC1G34SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Silicon Supplies
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
   Single Buffer Gate in bare die form
logo
Nexperia B.V. All right...
74LVC1G34 NEXPERIA-74LVC1G34 Datasheet
271Kb / 18P
   Single buffer
Rev. 9 - 18 January 2022
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
NXP Semiconductors
74LVC1G34GF NXP-74LVC1G34GF Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
More results

Descripción similar - 74LVC1G34SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com