Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU406 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza BU406
Descripción Electrónicos  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU406 Datasheet(HTML) 2 Page - Savantic, Inc.

  BU406 Datasheet HTML 1Page - Savantic, Inc. BU406 Datasheet HTML 2Page - Savantic, Inc. BU406 Datasheet HTML 3Page - Savantic, Inc. BU406 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU406 BU407
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BU406
200
VCEO(SUS)
Collector-emitter
sustaining voltage
BU407
IC=100mA ; IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=5A ;IB=0.5A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=5A ;IB=0.5A
1.2
V
BU406
VCE=400V; VBE=0
ICES
Collector cut-off current
BU407
VCE=330V; VBE=0
5
mA
IEBO
Emitter cut-off current
VEB=6.0V; IC=0
1.0
mA
hFE
DC current gain
IC=2A ; VCE=5V
40
120
fT
Transition frequency
IC=0.5A ;VCE=10V;f=1.0MHz
10
MHz
COB
Output capacitance
IE=0 ;VCB=10V;f=1.0MHz
80
pF
tf
Fall time
IC=5A ;VCC=40V
IB1 =-IB2=0.6A;L=150µH
0.75
µs


Número de pieza similar - BU406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Savantic, Inc.
BU406 SAVANTIC-BU406 Datasheet
109Kb / 4P
   Silicon NPN Power Transistors
logo
JILIN SINO-MICROELECTRO...
BU406 JSMC-BU406 Datasheet
287Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
   7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
Dc Components
BU406 DCCOM-BU406 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Descripción similar - BU406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com