Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT86S14-13 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza 74HCT86S14-13
Descripción Electrónicos  QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT86S14-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HCT86S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT86S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HCT86
Document number: DS35335 Rev. 3 - 2
5 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT86
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74HCT86S14-13
S14
SO-14
2500/Tape & Reel
-13
74HCT86T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74HCT86S14
SO-14
74HCT86T14
TSSOP-14


Número de pieza similar - 74HCT86S14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT86 PHILIPS-74HCT86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Silicon Supplies
74HCT86 SS-74HCT86 Datasheet
606Kb / 5P
   High Speed CMOS TTL Input
74HCT86 SS-74HCT86 Datasheet
537Kb / 5P
   High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT86 NEXPERIA-74HCT86 Datasheet
229Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 13 September 2021
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results

Descripción similar - 74HCT86S14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LV86A DIODES-74LV86A Datasheet
306Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74HC86 DIODES-74HC86 Datasheet
299Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74LVC32A DIODES-74LVC32A Datasheet
191Kb / 10P
   QUADRUPLE 2-INPUT OR GATES
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74AHCT32 DIODES-74AHCT32 Datasheet
289Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
logo
Texas Instruments
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com