Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G3404FZ4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza 74AUP2G3404FZ4-7
Descripción Electrónicos  BUFFER AND INVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G3404FZ4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP2G3404FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP2G3404FZ4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AUP2G3404
Document number: DS36096 Rev. 4 - 2
6 of 12
www.diodes.com
December 2013
© Diodes Incorporated
74AUP2G3404
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40 to +85°C
TA = -40 to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
16.0
ns
1.2V ± 0.1V
2.4
5.0
10.3
2.0
11.4
2.0
12.6
1.5V ± 0.1V
1.8
3.6
6.4
1.6
7.4
1.6
8.2
1.8V ± 0.15V
1.5
2.9
5.0
1.4
5.9
1.4
6.5
2.5V ± 0.2V
1.2
2.4
3.9
1.1
4.5
1.1
5.0
3.3V ± 0.3V
1.1
2.1
3.2
1.0
3.9
1.0
4.3
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40 to +85°C
TA = -40 to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
19.8
ns
1.2V ± 0.1V
2.8
5.9
12.2
2.3
13.7
2.3
15.1
1.5V ± 0.1V
2.3
4.2
7.5
1.9
8.7
1.9
9.6
1.8V ± 0.15V
2.0
3.5
5.9
1.7
7.0
1.7
7.7
2.5V ± 0.2V
1.7
2.9
4.6
1.5
5.4
1.5
6.0
3.3V ± 0.3V
1.6
2.7
3.8
1.4
4.5
1.4
5.1
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40 to +85°C
TA = -40 to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
23.3
ns
1.2V ± 0.1V
3.2
6.7
13.0
2.6
15.8
2.6
17.4
1.5V ± 0.1V
2.6
4.7
8.6
2.2
10.0
2.2
11.0
1.8V ± 0.15V
2.3
4.0
6.7
2.0
8.0
2.0
8.8
2.5V ± 0.2V
2.1
3.3
5.1
1.8
6.1
1.8
6.8
3.3V ± 0.3V
2.0
3.1
4.2
1.6
5.0
1.6
5.5
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40 to +85°C
TA = -40 to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
33.6
ns
1.2V ± 0.1V
4.4
8.9
16.3
3.6
19.0
3.6
20.9
1.5V ± 0.1V
3.6
6.3
10.8
3.2
12.9
3.2
14.2
1.8V ± 0.15V
3.2
5.3
9.0
2.9
10.5
2.9
11.6
2.5V ± 0.2V
2.4
4.5
6.5
2.6
7.6
2.6
8.5
3.3V ± 0.3V
2.2
4.2
5.6
2.2
6.2
2.2
7.2


Número de pieza similar - 74AUP2G3404FZ4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
logo
NXP Semiconductors
74AUP2G3404GF NXP-74AUP2G3404GF Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
74AUP2G3404GM NXP-74AUP2G3404GM Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404GM NEXPERIA-74AUP2G3404GM Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results

Descripción similar - 74AUP2G3404FZ4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML74WLCF MINILOGIC-ML74WLCF Datasheet
145Kb / 4P
   Inverter (unbuffered) and Buffer
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AXP2G3404 NEXPERIA-74AXP2G3404 Datasheet
819Kb / 16P
   Low-power buffer and inverter
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com