Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G34 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza 74AUP2G34
Descripción Electrónicos  DUAL BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G34 Datasheet(HTML) 2 Page - Diodes Incorporated

  74AUP2G34 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G34 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74AUP2G34
Document number: DS35514 Rev. 5 - 2
2 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G34
Ordering Information
74 AUP2G 34 XXX -7
Logic Device
Function
Package
Packing
74 : Logic Prefix
34:
1-Input
DW : SOT363
-7 : 7” Tape & Reel
AUP : 0.8 to 3.6 V
Buffer/
FW3 : X2-DFN0910-6
Logic Family
Driver
FW4 : X2-DFN1010-6
2G : Dual Gate
FZ4 : X2- DFN1410-6
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
Pin Descriptions
Pin Name
Pin No.
Function
1A
1
Data Input
GND
2
Ground
2A
3
Data Input
2Y
4
Data Output
VCC
5
Supply Voltage
1Y
6
Data Output
Logic Diagram
Function Table
Inputs
Outputs
A
Y
H
H
L
L
Part Number
Package
Code
Package
(Notes 4 & 5)
Package
Size
7” Tape and Reel
Quantity
Part Number Suffix
74AUP2G34DW-7
DW
SOT363
2.0mm X 2.0mm X 1.1mm
0.65 mm lead pitch
3000/Tape & Reel
-7
74AUP2G34FW3-7
FW3
X2-DFN0910-6
0.9mm X 1.0mm X 0.35mm
0.35 mm pad pitch
5000/Tape & Reel
-7
74AUP2G34FW4-7
FW4
X2-DFN1010-6
1.0mm X 1.0mm X 0.4mm
0.35 mm pad pitch
5000/Tape & Reel
-7
74AUP2G34FZ4-7
FZ4
X2-DFN1410-6
1.4mm X 1.0mm X 0.4mm
0.5 mm pad pitch
5000/Tape & Reel
-7


Número de pieza similar - 74AUP2G34

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Diodes Incorporated
74AUP2G3404 DIODES-74AUP2G3404 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results

Descripción similar - 74AUP2G34

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
TSC390 MICROSEMI-TSC390 Datasheet
410Kb / 3P
   Dual Interface Buffers
logo
Diodes Incorporated
74AUP2G17 DIODES-74AUP2G17 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
logo
Renesas Technology Corp
RD74LVC2G17 RENESAS-RD74LVC2G17 Datasheet
2Mb / 8P
   Dual Schmitt-trigger Buffers
logo
Texas Instruments
SN74ALS1020A TI1-SN74ALS1020A Datasheet
59Kb / 3P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN5440 TI-SN5440 Datasheet
196Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Integral Corp.
IN7440 INTEGRAL-IN7440 Datasheet
196Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
KODENSHI_AUK CORP.
KK7440 KODENSHI-KK7440 Datasheet
209Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
   Dual 4-Input Positive-NAND Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com