Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G3404FW4 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza 74AUP2G3404FW4
Descripción Electrónicos  BUFFER AND INVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G3404FW4 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AUP2G3404FW4 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G3404FW4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74AUP2G3404
Document number: DS36096 Rev. 4 - 2
5 of 12
www.diodes.com
December 2013
© Diodes Incorporated
74AUP2G3404
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40 to 125°C
Unit
Min
Max
VIH
High-Level Input Voltage
0.8V to 1.65V
0.80 X VCC
V
1.65V to 1.95V
0.70 X VCC
2.3V to 2.7V
1.6
3.0V to 3.6V
2.0
VIL
Low-Level Input Voltage
0.8V to 1.65V
0.25 X VCC
V
1.65V to 1.95V
0.30 X VCC
2.3V to 2.7V
0.7
3.0V to 3.6V
0.9
VOH
High-Level Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.11
V
IOH = -1.1mA
1.1V
0.6 X VCC
IOH = -1.7mA
1.4V
0.93
IOH = -1.9mA
1.65V
1.17
IOH = -2.3mA
2.3V
1.77
IOH = -3.1mA
1.67
IOH = -2.7mA
3V
2.40
IOH = -4mA
2.30
VOL
Low-Level Input Voltage
IOL = 20μA
0.8V to 3.6V
0.11
V
IOL = 1.1mA
1.1V
0.33 X VCC
IOL = 1.7mA
1.4V
0.41
IOL = 1.9mA
1.65V
0.39
IOL = 2.3mA
2.3V
0.36
IOL = 3.1mA
0.50
IOL = 2.7mA
3V
0.36
IOL = 4mA
0.50
II
Input Current
A or B Input, VI = GND to 3.6V
0V to 3.6V
± 0.75
μA
IOFF
Power Down Leakage Current
VI or VO = 0V to 3.6V
0V
± 1.0
μA
∆IOFF
Delta Power Down Leakage
Current
VI or VO = 0V to 3.6V
0V to 0.2V
± 2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
1.4
μA
∆ICC
Additional Supply Current
Input at VCC –0.6V Other input at
VCC or GND
3.3V
75
μA
Operating and Package Characteristics
TA = +25°C
Parameter
Test
Conditions
VCC
Typ
Unit
Cpd
Power dissipation capacitance
f = 1MHz
No Load
0.8V
5.1
pF
1.2V ± 0.1V
5.2
1.5V ± 0.1V
5.2
1.8V ± 0.15V
5.5
2.5V ± 0.2V
5.7
3.3V ± 0.3V
6.0
CI
Input Capacitance
Vi = VCC or GND
0V or 3.3V
2.0
pF
CO
Output Capacitance
VO = VCC or GND
0V
3.5
pF


Número de pieza similar - 74AUP2G3404FW4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
logo
NXP Semiconductors
74AUP2G3404GF NXP-74AUP2G3404GF Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
74AUP2G3404GM NXP-74AUP2G3404GM Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404GM NEXPERIA-74AUP2G3404GM Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results

Descripción similar - 74AUP2G3404FW4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML74WLCF MINILOGIC-ML74WLCF Datasheet
145Kb / 4P
   Inverter (unbuffered) and Buffer
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AXP2G3404 NEXPERIA-74AXP2G3404 Datasheet
819Kb / 16P
   Low-power buffer and inverter
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com