Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G14FW3-7 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 74AUP2G14FW3-7
Descripción Electrónicos  DUAL SCHMITT TRIGGER INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G14FW3-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AUP2G14FW3-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G14FW3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74AUP2G14
Document number: DS35512 Rev. 4 - 2
1 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G14
DUAL SCHMITT TRIGGER INVERTERS
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is designed
for low power and extended battery life in portable applications.
The 74AUP2G14 is composed of two Schmitt trigger inverters with
standard push-pull outputs designed for operation over a power
supply range of 0.8V to 3.6V. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device is
powered down. The gates perform the positive Boolean function:
A
Y
=
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
± 4mA Output Drive at 3.0V
Low Static power consumption
ICC < 0.9µA
Low Dynamic Power Consumption
CPD = 4pF Typical at 3.6V
Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for
Slower Input Rise and Fall Time.
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Leadless packages per JESD30E
DFN1410 denoted as X2-DFN1410-6
DFN1010 denoted as X2-DFN1010-6
DFN0910 denoted as X2-DFN0910-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Suited for battery and low power needs
Wide array of products such as:
PCs, networking, notebooks, netbooks, PDAs
Tablet Computers, E-readers
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Número de pieza similar - 74AUP2G14FW3-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP2G14GF NXP-74AUP2G14GF Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
74AUP2G14GM NXP-74AUP2G14GM Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14GM NEXPERIA-74AUP2G14GM Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
More results

Descripción similar - 74AUP2G14FW3-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com