Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC125T14-13 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza 74AHC125T14-13
Descripción Electrónicos  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC125T14-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHC125T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 8Page - Diodes Incorporated 74AHC125T14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74AHC125
Document number: DS35345 Rev. 3 - 2
4 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74AHC125
Operating Characteristics
Parameter
Test
Conditions
VCC = 2.0V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1MHz
10.1
13.1
15
pF
Ci
Input Capacitance
Vi = VCC – or GND
4.0
4.0
4.0
pF
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.4
8.0
0.5
9.5
0.5
11.5
ns
4.5V to 5.5V
0.5
3.0
5.5
0.5
6.5
0.5
7.0
Figure 1
CL = 50pF
3.0V to 3.6V
0.5
6.2
11.5
0.5
13.0
0.5
14.5
4.5V to 5.5 V
0.5
4.3
7.5
0.5
8.5
0.5
9.5
tEN
Enable Time
OEN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.7
8.0
0.5
9.5
0.5
11.5
ns
4.5V to 5.5V
0.5
3.3
5.1
0.5
6.0
0.5
7.5
Figure 1
CL = 50pF
3.0V to 3.6V
0.5
6.8
11.5
0.5
13.0
0.5
14.5
4.5V to 5.5V
0.5
4.7
7.1
0.5
8.0
0.5
9.0
tDIS
Disable Time
OEN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
6.7
9.7
0.5
11.5
0.5
12.5
ns
4.5V to 5.5V
0.5
4.8
6.8
0.5
8.0
0.5
8.5
Figure 1
CL = 50pF
3.0 V to 3.6V
0.5
9.6
13.2
0.5
15.0
0.5
16.5
4.5V to 5.5V
0.5
6.8
8.8
0.5
10.0
0.5
11.0


Número de pieza similar - 74AHC125T14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74AHC125 NXP-74AHC125 Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
logo
Nexperia B.V. All right...
74AHC125 NEXPERIA-74AHC125 Datasheet
250Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 12 June 2020
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC125BQ NXP-74AHC125BQ Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
More results

Descripción similar - 74AHC125T14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com