Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMI-AC5 Datasheet(PDF) 2 Page - Crydom Inc.,

No. de pieza SMI-AC5
Descripción Electrónicos  SM SERIES INPUT MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SMI-AC5 Datasheet(HTML) 2 Page - Crydom Inc.,

  SMI-AC5 Datasheet HTML 1Page - Crydom Inc., SMI-AC5 Datasheet HTML 2Page - Crydom Inc., SMI-AC5 Datasheet HTML 3Page - Crydom Inc., SMI-AC5 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL SPECIFICATIONS
Description
Input/Output Isolation Voltage (14)
4000
Input/Output Capacitance
8
Operating Temperature Range
-30 to 80°C
Storage Temperature Range
-40 to 80°C
Line Frequency Range
47 to 63
Weight
1.1 oz. (31.2g)
GENERAL NOTES:
(1) Specifications apply to an ambient temperature of -30 to 80 °C unless otherwise noted.
(2) Resistance values for IAC modules are effective impedance values at 25 °C.
(3) Resistance values are +/-10% at 25 °C.
(4) Measured at maximum specified input voltage, 25°C.
(5) Defined as the maximum current allowed through the module's input to guarantee that
the output will switch from "on" to "off". Higher currents may result in the output remaining
in the "on" state.
(6) Defined as the maximum current allowed through the module's input that will not switch
the module's output state from "off: to "on".
(7) With external LED status indicator at maximum specified logic supply voltage and 25°C.
18mA without external LED.
(8) At maximum specified logic voltage and 25°C.
(9) Applied across open collector output transistor.
(10) Sinking current through the open collector output transistor.
(11) At maximum output voltage and 25°C.
(12) At maximum output current and 25°C.
(13) At nominal logic supply voltage, 25mA output sinking current, nominal input voltage
and 25°C
(14) At 25°C for 1 second maximum duration.
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
E46203
38595
Rev. 121311


Número de pieza similar - SMI-AC5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
SMI-AR-1 CUI-SMI-AR-1 Datasheet
221Kb / 2P
   ARGENTINA BLADE
12/21/2015
SMI-AU-1 CUI-SMI-AU-1 Datasheet
230Kb / 2P
   AUSTRALIA BLADE
SMI-AU-1 CUI-SMI-AU-1 Datasheet
253Kb / 2P
   AUSTRALIA BLADE
03/17/2020
SMI-AU-1 CUI-SMI-AU-1_V01 Datasheet
253Kb / 2P
   AUSTRALIA BLADE
03/17/2020
SMI-AU-2 CUI-SMI-AU-2 Datasheet
297Kb / 2P
   level VI efficiency accessory
More results

Descripción similar - SMI-AC5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SM-OAC5 CRYDOM-SM-OAC5 Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
logo
List of Unclassifed Man...
84145061 ETC2-84145061 Datasheet
2Mb / 50P
   SIMM Series Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com