Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS15T1 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SMS15T1
Descripción Electrónicos  SC??4 Quad Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS15T1 Datasheet(HTML) 2 Page - ON Semiconductor

  SMS15T1 Datasheet HTML 1Page - ON Semiconductor SMS15T1 Datasheet HTML 2Page - ON Semiconductor SMS15T1 Datasheet HTML 3Page - ON Semiconductor SMS15T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMS05T1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni−Directional
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS − UNIDIRECTIONAL
Device
Device
Marking
Breakdown
Voltage
Max
Reverse
Leakage
Current
Max Reverse Voltage
(Clamping Voltage)
At Specified Reverse
Surge Current (IRSM)
Max Reverse Voltage
(Clamping Voltage)
At Specified Reverse
Surge Current (IRSM)
Capacitance
@ 0 Volt Bias,
1 MHz
VBR(V)
IT
IR
VR
IRSM
(8x20
ms)
VRSM
(8x20
ms)
IRSM
(8x20
ms)
VRSM
(8x20
ms)
(pF)
Min
Nom
Max
(mA)
(
mA) (V)
(A)
(V)
(A)
(V)
Min
Max
SMS05T1
5V0
6.0
7.2
1.0
20
5.0
5.0
9.8
23
15.5
250
400
SMS12T1
12V
13.3
15
1.0
1.0
12
5.0
19.0
15
23.0
80
150
SMS15T1
15V
16.7
18.5
1.0
1.0
15
5.0
24.0
12
29.0
60
125
SMS24T1
24V
26.7
32
1.0
1.0
24
5.0
40.0
8
44.0
40
75
ORDERING INFORMATION
Device
Package
Shipping
SMS05T1
SC−74
3000 / Tape & Reel
SMS05T1G
SC−74
(Pb−Free)
SMS12T1
SC−74
3000 / Tape & Reel
SMS12T1G
SC−74
(Pb−Free)
SMS15T1
SC−74
3000 / Tape & Reel
SMS15T1G
SC−74
(Pb−Free)
SMS24T1
SC−74
3000 / Tape & Reel
SMS24T1G
SC−74
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - SMS15T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMS15T1 ONSEMI-SMS15T1 Datasheet
47Kb / 4P
   SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
SMS15T1 ONSEMI-SMS15T1 Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS15T1G ONSEMI-SMS15T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS15T1G ONSEMI-SMS15T1G Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
More results

Descripción similar - SMS15T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMS24T1G ONSEMI-SMS24T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS15T1G ONSEMI-SMS15T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
logo
Motorola, Inc
MMQA5V6T1 MOTOROLA-MMQA5V6T1 Datasheet
136Kb / 8P
   SC-59 QUAD TRANSIENT VOLTAGE SUPPRESSOR 5.6 VOLTS
logo
ON Semiconductor
SMS05T1 ONSEMI-SMS05T1 Datasheet
47Kb / 4P
   SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
MMQA5V6T1G ONSEMI-MMQA5V6T1G Datasheet
126Kb / 7P
   SC??4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ??33 VOLTS
February, 2012 ??Rev. 10
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com