Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6555 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LMH6555
Descripción Electrónicos  LMH6555 Low Distortion 1.2 GHz Differential Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6555 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6555_14 Datasheet HTML 1Page - Texas Instruments LMH6555_14 Datasheet HTML 2Page - Texas Instruments LMH6555_14 Datasheet HTML 3Page - Texas Instruments LMH6555_14 Datasheet HTML 4Page - Texas Instruments LMH6555_14 Datasheet HTML 5Page - Texas Instruments LMH6555_14 Datasheet HTML 6Page - Texas Instruments LMH6555_14 Datasheet HTML 7Page - Texas Instruments LMH6555_14 Datasheet HTML 8Page - Texas Instruments LMH6555_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
vO_CM
vOUT
f = 750 MHz,
'VO_CM
'VOUT
DC,
LMH6555
SNOSAJ1C – NOVEMBER 2006 – REVISED MARCH 2011
www.ti.com
3.3V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, all limits are specified for TA= 25°C, VCM_REF = 1.2V, both inputs tied to 0.3V through 50Ω(RS1 &
RS2) each
(2), V
S = 3.3V, RL = 100Ω differential, VOUT = 0.8 VPP. See DEFINITION OF TERMS AND SPECIFICATIONS
(ALPHABETICAL ORDER) for definition of terms used throughout the datasheet. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(3)
Typ(4)
Max(3)
Units
NF
Noise Figure
Relative to a Differential Input
15.0
dB
≥10 MHz
Input Characteristics
RIN
CM Input Resistance
Each Input to Ground
45
50
55
RIN_DIFF
Differential Input Resistance
Differential
66
78
100
CIN
Input Capacitance
Each Input to GND
0.3
pF
CMRR
Common Mode Rejection Ratio
−0.3 ≤ CMVR ≤ 2.0V
40
68
dB
36
Output Characteristics
VOOS
Output Offset Voltage
Differential Mode
15
±50
mV
±55
TCVOOS
Output Offset Voltage
(8)
±100
μV/°C
Average Drift
RO
Output Resistance
RT1 and RT2
43
50
53
BAL_Error_DC
Output Gain Balance Error
−57
−38
dB
BAL_Error_AC
−48
BAL_Error_AC_
Output Phase Balance Error
f = 750 MHz,
±0.6
deg
Phase
VOUT
+ - V
OUT
Phase
|
ΔVO_CM/ΔVI_CM| Output Common Mode Gain
DC
−26
−22
dB
−21
VCM_REF Characteristics
VOS_CM
Output CM Offset Voltage
VOS_CM = VO_CM – VCM_REF
−4
±60
mV
±85
TC_VOS_CM
CM Offset Voltage Temp
−0.2
mV/°C
Coefficient
IB_CM
VCM_REF Bias Current
0.95V
≤ VCM_REF ≤ 1.45V
(9)
−25
±390
μA
±415
RIN_CM
VCM_REF Input Resistance
3.5
5.8
k
Gain_VCM_REF
VCM_REF Input Gain to Output
ΔVO_CM/ΔVCM_REF
0.97
0.99
1.00
V/V
Power Supply
IS
Supply Current
RS1 & RS2 Open
(10)
120
150
mA
156
PSRR
Differential Power Supply Rejection DC,
ΔVS = ±0.3V, ΔVOUT/ΔVS
−27
−44
dB
Ratio
−25
PSRR_CM
Common Mode PSRR
DC,
ΔVS = ±0.3V, ΔVO_CM/ΔVS
−29
−39
dB
−27
(8)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(9)
Positive current is current flowing into the device.
(10) Total supply current is affected by the input voltages connected through RS1 and RS2. Supply current tested with input removed.
4
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LMH6555


Número de pieza similar - LMH6555_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
LMH6555SQ INTERSIL-LMH6555SQ Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555SQ/NOPB TI1-LMH6555SQ/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555SQE INTERSIL-LMH6555SQE Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555SQE/NOPB TI1-LMH6555SQE/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555SQX INTERSIL-LMH6555SQX Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
More results

Descripción similar - LMH6555_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com