Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6555 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6555
Descripción Electrónicos  LMH6555 Low Distortion 1.2 GHz Differential Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6555 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6555 Datasheet HTML 1Page - Texas Instruments LMH6555 Datasheet HTML 2Page - Texas Instruments LMH6555 Datasheet HTML 3Page - Texas Instruments LMH6555 Datasheet HTML 4Page - Texas Instruments LMH6555 Datasheet HTML 5Page - Texas Instruments LMH6555 Datasheet HTML 6Page - Texas Instruments LMH6555 Datasheet HTML 7Page - Texas Instruments LMH6555 Datasheet HTML 8Page - Texas Instruments LMH6555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
'VO_CM
'VOUT
Balance Error. See ¨
¨
©
§
16
13
14
15
4
3
2
1
VOUT-
9
10
11
12
7
8
6
5
GND
GND
VIN+
VIN-
GND
GND
VOUT+
VCC
VCM_REF
VCC
VCC
GND
GND
GND
GND
+
-
RT2
RT1
RG1
RG2
RF2
RF1
LMH6555
www.ti.com
SNOSAJ1C – NOVEMBER 2006 – REVISED MARCH 2011
CONNECTION DIAGRAM
Figure 2. 16-Pin WQFN
DEFINITION OF TERMS AND SPECIFICATIONS (ALPHABETICAL ORDER)
Unless otherwise specified, VCM_REF = 1.2V
1.
AV_CM (dB)
Change in the differential output voltage (
ΔVOUT ) with respect to the change in input common
mode voltage (
ΔVI_CM)
2.
AV_DIFF (dB)
Insertion gain from a single ended 50
Ω (or 100Ω differential) source to the differential output
(
ΔVOUT)
3.
ΔAV_DIFF (dB)
Variation in insertion gain (AV_DIFF)
4.
BAL_ERR_DC & BAL_ERR_AC
5.
CM
Common Mode
6.
CMRR (dB)
Common Mode rejection defined as: AV_DIFF (dB) - AV_CM (dB)
7.
CMVR (V)
Range of input common mode voltage (VI_CM)
8.
Gain_VCM_REF (V/V)
Variation in output common mode voltage (
ΔVO_CM) with respect to change in VCM_REF input
(
ΔVCM_REF) with maximum differential output
9.
PSRR (dB)
Differential output change (
ΔVOUT) with respect to the power supply voltage change (ΔVS) with
nominal differential output
10.
PSRR_CM (dB)
Output common mode voltage change (
ΔVO_CM) with respect to the change in the power supply
voltage (
ΔVS)
11.
RIN (Ω)
Single ended input impedance to ground
12.
RIN_DIFF (Ω)
Differential input impedance
13.
RL (Ω)
Differential output load
14.
RO (Ω)
Device output impedance equivalent to RT1 & RT2
15.
RS1, RS2 (Ω)
Source impedance to VIN
+ and V
IN
respectively
16.
RT1, RT2 (Ω)
Output impedance looking into each output
17.
VCM_REF (V)
Device input pin which controls output common mode
18.
ΔVCM_REF (V)
Change in the VCM_REF input
19.
VI_CM (V)
DC average of the inputs (VIN
+, V
IN
) or the common mode signal at those same input pins
20.
ΔVI_CM (V)
Variation in input common mode voltage (VI_CM)
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6555


Número de pieza similar - LMH6555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555SQ INTERSIL-LMH6555SQ Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555SQ/NOPB TI1-LMH6555SQ/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
More results

Descripción similar - LMH6555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com