Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2098-01MR Datasheet(PDF) 2 Page - Fuji Electric

No. de pieza 2SK2098-01MR
Descripción Electrónicos  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2098-01MR Datasheet(HTML) 2 Page - Fuji Electric

  2SK2098-01MR Datasheet HTML 1Page - Fuji Electric 2SK2098-01MR Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N-channel MOS-FET
2SK2098-01MR
150V
0,08Ω 20A
50W
FAP-III Series
> Characteristics
Typical Output Characteristics
Drain-Source-On-State Resistance vs. Tch
Typical Transfer Characteristics
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Transient Thermal impedance
10
12
11
Tc [°C]
VDS [V]
t [s]
This specification is subject to change without notice!


Número de pieza similar - 2SK2098-01MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2098 ISC-2SK2098 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2098-01MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com