Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMP2022 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMP2022
Descripción Electrónicos  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2022 Datasheet(HTML) 3 Page - Texas Instruments

  LMP2022 Datasheet HTML 1Page - Texas Instruments LMP2022 Datasheet HTML 2Page - Texas Instruments LMP2022 Datasheet HTML 3Page - Texas Instruments LMP2022 Datasheet HTML 4Page - Texas Instruments LMP2022 Datasheet HTML 5Page - Texas Instruments LMP2022 Datasheet HTML 6Page - Texas Instruments LMP2022 Datasheet HTML 7Page - Texas Instruments LMP2022 Datasheet HTML 8Page - Texas Instruments LMP2022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMP2021, LMP2022
www.ti.com
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
Operating Ratings
(1)
Temperature Range
−40°C to 125°C
Supply Voltage (VS = V
+ – V)
2.2V to 5.5V
Package Thermal Resistance (
θJA)
5-Pin SOT-23
164 °C/W
8-Pin SOIC (LMP2021)
106 °C/W
8-Pin SOIC (LMP2022)
106 °C/W
8-Pin VSSOP
217 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
2.5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 2.5V, V= 0V, V
CM = V
+/2, R
L >10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
–0.9
±5
μV
±10
TCVOS
Input Offset Voltage Drift (4)
0.001
±0.02
μV/°C
IB
Input Bias Current
±23
±100
pA
±300
IOS
Input Offset Current
±57
±200
pA
±250
CMRR
Common Mode Rejection Ratio
−0.2V ≤ VCM ≤ 1.7V
105
141
dB
0V
≤ VCM ≤ 1.5V
102
CMVR
Input Common-Mode Voltage Range
Large Signal CMRR
≥ 105 dB
−0.2
1.7
V
Large Signal CMRR
≥ 102 dB
0
1.5
EMIRR
Electro-Magnetic Interference
VRF-PEAK = 100 mVP (−20 dBVP)
40
Rejection Ratio(5)
f = 400 MHz
VRF-PEAK = 100 mVP (−20 dBVP)
48
IN+
f = 900 MHz
and
dB
VRF-PEAK = 100 mVP (−20 dBVP)
67
IN
f = 1800 MHz
VRF-PEAK = 100 mVP (−20 dBVP)
79
f = 2400 MHz
PSRR
Power Supply Rejection Ratio
2.5V
≤ V+ ≤ 5.5V, VCM = 0
115
130
112
dB
2.2V
≤ V+ ≤ 5.5V, VCM = 0
110
130
AVOL
Large Signal Voltage Gain
RL = 10 kΩ to V
+/2
124
150
VOUT = 0.5V to 2V
119
dB
RL = 2 kΩ to V
+/2
120
150
VOUT = 0.5V to 2V
115
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are guaranteed by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
The EMI Rejection Ratio is defined as EMIRR = 20Log ( VRF-PEAK/ΔVOS).
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP2021 LMP2022


Número de pieza similar - LMP2022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMP2022 NSC-LMP2022 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2022 TI-LMP2022 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2022 TI-LMP2022 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2022 TI1-LMP2022 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2022MA NSC-LMP2022MA Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
More results

Descripción similar - LMP2022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP2021MA TI-LMP2021MA Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com