Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV831MGENOPB Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LMV831MGENOPB
Descripción Electrónicos  LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV831MGENOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV831MGENOPB Datasheet HTML 4Page - Texas Instruments LMV831MGENOPB Datasheet HTML 5Page - Texas Instruments LMV831MGENOPB Datasheet HTML 6Page - Texas Instruments LMV831MGENOPB Datasheet HTML 7Page - Texas Instruments LMV831MGENOPB Datasheet HTML 8Page - Texas Instruments LMV831MGENOPB Datasheet HTML 9Page - Texas Instruments LMV831MGENOPB Datasheet HTML 10Page - Texas Instruments LMV831MGENOPB Datasheet HTML 11Page - Texas Instruments LMV831MGENOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SUPPLY VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
TEMPERATURE (°C)
0.4
0.3
0.2
0.1
-50
-25
0
25
50
75
100
125
3.3V
5.0V
SUPPLY VOLTAGE (V)
0.4
0.3
0.2
0.1
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
0.7
0.6
0.5
0.4
0.3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
VCM (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-1
0
1
2
3
4
5
6
3.3V
5.0V
TA = 85°C
VCM (V)
500
400
300
200
100
0
-100
-200
-300
-400
-500
-1
0
1
2
3
4
5
6
3.3V
5.0V
TA = 125°C
LMV831, LMV832, LMV834
SNOSAZ6A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
Typical Performance Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, V
+ = 3.3V, V= 0V, Unless otherwise specified.
Input Bias Current vs. VCM at 85°C
Input Bias Current vs. VCM at 125°C
Figure 11.
Figure 12.
Supply Current vs. Supply Voltage Single LMV831
Supply Current vs. Supply Voltage Dual LMV832
Figure 13.
Figure 14.
Supply Current vs. Supply Voltage Quad LMV834
Supply Current vs. Temperature Single LMV831
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LMV831 LMV832 LMV834


Número de pieza similar - LMV831MGENOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV831MGE NSC-LMV831MGE Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV831MGE TI-LMV831MGE Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831MGE TI1-LMV831MGE Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
LMV831MGE/NOPB TI1-LMV831MGE/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
More results

Descripción similar - LMV831MGENOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV834MTX TI-LMV834MTX Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 TI-LMV831_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com