Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV861MGENOPB Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LMV861MGENOPB
Descripción Electrónicos  LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV861MGENOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV861MGENOPB Datasheet HTML 7Page - Texas Instruments LMV861MGENOPB Datasheet HTML 8Page - Texas Instruments LMV861MGENOPB Datasheet HTML 9Page - Texas Instruments LMV861MGENOPB Datasheet HTML 10Page - Texas Instruments LMV861MGENOPB Datasheet HTML 11Page - Texas Instruments LMV861MGENOPB Datasheet HTML 12Page - Texas Instruments LMV861MGENOPB Datasheet HTML 13Page - Texas Instruments LMV861MGENOPB Datasheet HTML 14Page - Texas Instruments LMV861MGENOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FREQUENCY (Hz)
100
10
1
0.1
0.01
0.001
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
AV = 10x
AV = 100x
AV = 1x
RF INPUT PEAK VOLTAGE (dBVp)
120
110
100
90
80
70
60
50
40
30
20
-40
-30
-20
-10
0
10
-40°C
25°C
125°C
85°C
fRF = 400 MHz
FREQUENCY (Hz)
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
BW = >500 kHz
V
+
=3.3V, VIN=320 mVPP
V
+
=5.0V, VIN=480 mVPP
V
+
=3.3V, VIN=2.3 VPP
V
+
=5.0V, VIN=3.8 VPP
AV = 1x
AV = 10x
VOUT (VPP)
10
1
0.1
0.01
0.001
1m
10m
100m
1
10
f = 1 kHz
BW = >500 kHz
V
+
= 3.3V
AV = 10x
AV = 1x
V
+
= 5.0V
SUPPLY VOLTAGE (V)
30
28
26
24
22
20
18
16
14
12
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FALLING EDGE
RISING EDGE
AV = +1
CL = 5 pF
FREQUENCY (Hz)
100
10
1
10
100
1k
10k
100k
1M
V
+
= 3.3V, 5.0V
LMV861, LMV862
www.ti.com
SNOSAZ5A – FEBRUARY 2008 – REVISED JULY 2008
Typical Performance Characteristics (continued)
At TA = 25°C. RL = 10 kΩ, V
+ = 3.3V, V= 0V, unless otherwise specified.
Slew Rate vs. Supply Voltage
Input Voltage Noise vs. Frequency
Figure 34.
Figure 35.
THD+N vs. Frequency
THD+N vs. Amplitude
Figure 36.
Figure 37.
ROUT vs. Frequency
EMIRR IN+ vs. Power at 400 MHz
Figure 38.
Figure 39.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV861 LMV862


Número de pieza similar - LMV861MGENOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV861MGE/NOPB TI1-LMV861MGE/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Descripción similar - LMV861MGENOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com