Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV854MTNOPB Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LMV854MTNOPB
Descripción Electrónicos  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV854MTNOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV854MTNOPB Datasheet HTML 1Page - Texas Instruments LMV854MTNOPB Datasheet HTML 2Page - Texas Instruments LMV854MTNOPB Datasheet HTML 3Page - Texas Instruments LMV854MTNOPB Datasheet HTML 4Page - Texas Instruments LMV854MTNOPB Datasheet HTML 5Page - Texas Instruments LMV854MTNOPB Datasheet HTML 6Page - Texas Instruments LMV854MTNOPB Datasheet HTML 7Page - Texas Instruments LMV854MTNOPB Datasheet HTML 8Page - Texas Instruments LMV854MTNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMV851, LMV852, LMV854
www.ti.com
SNOSAW1 – OCTOBER 2007
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
±0.26
±1
mV
(4)
±1.2
TCVOS
Input Offset Voltage Drift
±0.4
±2
μV/°C
(5)
(4)
IB
Input Bias Current
0.1
10
pA
(5)
500
IOS
Input Offset Current
1
pA
CMRR
Common Mode Rejection Ratio
−0.2V ≤ VCM ≤ V
+ −1.2V
77
94
dB
76
(4)
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5.5V,
75
93
dB
VOUT = 1V
74
(4)
EMIRR
EMI Rejection Ratio, IN+ and IN
VRFpeak = 100 mVP (−20 dBVP),
64
(6)
f = 400 MHz
VRFpeak = 100 mVP (−20 dBVP),
76
f = 900 MHz
dB
VRFpeak = 100 mVP (−20 dBVP),
84
f = 1800 MHz
VRFpeak = 100 mVP (−20 dBVP),
89
f = 2400 MHz
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 77 dB
−0.2
3.8
V
AVOL
Large Signal Voltage Gain
RL = 2 kΩ,
105
118
(7)
VOUT = 0.15V to 2.5V,
102
VOUT = 4.85V to 2.5V
dB
RL = 10 kΩ,
105
120
VOUT = 0.1V to 2.5V,
102
VOUT = 4.9V to 2.5V
VO
Output Swing High,
RL = 2 kΩ to V
+/2
34
39
(measured from V+)
47
mV
RL = 10 kΩ to V
+/2
7
11
13
Output Swing Low,
RL = 2 kΩ to V
+/2
31
38
(measured from V)
50
mV
RL = 10 kΩ to V
+/2
7
12
15
IO
Output Short Circuit Current
Sourcing, VOUT = VCM,
60
65
VIN = 100 mV
48
mA
Sinking, VOUT = VCM,
58
62
VIN = −100 mV
44
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(4)
The typical value is calculated by applying absolute value transform to the distribution, then taking the statistical average of the resulting
distribution
(5)
This parameter is guaranteed by design and/or characterization and is not tested in production.
(6)
The EMI Rejection Ratio is defined as EMIRR = 20log ( VRFpeak/ΔVOS).
(7)
The specified limits represent the lower of the measured values for each output range condition.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV851 LMV852 LMV854


Número de pieza similar - LMV854MTNOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV854MT NSC-LMV854MT Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV854MT/NOPB TI1-LMV854MT/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV854MTX NSC-LMV854MTX Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV854MTX/NOPB TI1-LMV854MTX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Descripción similar - LMV854MTNOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com