Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC04 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza 74AHC04
Descripción Electrónicos  HEX INVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC04 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AHC04 Datasheet HTML 1Page - Diodes Incorporated 74AHC04 Datasheet HTML 2Page - Diodes Incorporated 74AHC04 Datasheet HTML 3Page - Diodes Incorporated 74AHC04 Datasheet HTML 4Page - Diodes Incorporated 74AHC04 Datasheet HTML 5Page - Diodes Incorporated 74AHC04 Datasheet HTML 6Page - Diodes Incorporated 74AHC04 Datasheet HTML 7Page - Diodes Incorporated 74AHC04 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AHC04
Document number: DS35339 Rev. 3 - 2
5 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC04
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AHC04S14-13
S14
SO-14
2500/Tape & Reel
-13
74AHC04T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74AHC04S14
SO-14
74AHC04T14
TSSOP-14


Número de pieza similar - 74AHC04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC04 PHILIPS-74AHC04 Datasheet
73Kb / 16P
   Hex inverter
1999 Sep 27
logo
Nexperia B.V. All right...
74AHC04 NEXPERIA-74AHC04 Datasheet
234Kb / 13P
   Hex inverter
Rev. 7 - 10 September 2020
74AHC04-Q100 NEXPERIA-74AHC04-Q100 Datasheet
701Kb / 15P
   Hex inverter
74AHC04BQ NEXPERIA-74AHC04BQ Datasheet
234Kb / 13P
   Hex inverter
Rev. 7 - 10 September 2020
74AHC04BQ-Q100 NEXPERIA-74AHC04BQ-Q100 Datasheet
701Kb / 15P
   Hex inverter
More results

Descripción similar - 74AHC04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com