Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2053 Datasheet(PDF) 4 Page - NEC

No. de pieza 2SK2053
Descripción Electrónicos  N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2053 Datasheet(HTML) 4 Page - NEC

  2SK2053 Datasheet HTML 1Page - NEC 2SK2053 Datasheet HTML 2Page - NEC 2SK2053 Datasheet HTML 3Page - NEC 2SK2053 Datasheet HTML 4Page - NEC 2SK2053 Datasheet HTML 5Page - NEC 2SK2053 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK2053
4
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0.01
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0.01
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
0.5
0.4
0.3
0.2
0.1
VGS - Gate to Source Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0.2
10
1
0.1
0.01
0.001
VSD - Source to Drain Voltage - V
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
1
1 000
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
0.1
1 000
ID - Drain Current - A
0.03
0.1
0.3
1
3
10
TA = 75 ˚C
25 ˚C
–25 ˚C
VGS = 2.5 V
0.03
0.1
0.3
1
3
10
TA = 75 ˚C
25 ˚C
–25 ˚C
VGS = 4.0 V
246
tr
5 A
0.4
0.6
0.8
1.0
1.2
500
200
100
50
20
10
2
5
10
20
50
100
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
500
200
100
50
20
10
0.2
0.5
1
2
5
10
VDD = 3 V
VGS(on) = 3 V
tf
td(off)
td(on)
ID = 1 A, 2.5 A


Número de pieza similar - 2SK2053

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2053 RENESAS-2SK2053 Datasheet
304Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Descripción similar - 2SK2053

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com