Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9383MTRPBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF9383MTRPBF
Descripción Electrónicos  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9383MTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9383MTRPBF Datasheet HTML 1Page - International Rectifier IRF9383MTRPBF Datasheet HTML 2Page - International Rectifier IRF9383MTRPBF Datasheet HTML 3Page - International Rectifier IRF9383MTRPBF Datasheet HTML 4Page - International Rectifier IRF9383MTRPBF Datasheet HTML 5Page - International Rectifier IRF9383MTRPBF Datasheet HTML 6Page - International Rectifier IRF9383MTRPBF Datasheet HTML 7Page - International Rectifier IRF9383MTRPBF Datasheet HTML 8Page - International Rectifier IRF9383MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Typical values (unless otherwise specified)
Notes:
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
DirectFET
™ ISOMETRIC
Description
The IRF9383MTRPbF combines the latest HEXFET® P-Channel Power MOSFET Silicon technology with the advanced DirectFET®
packaging to achieve the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.6 mm profile. The DirectFET®
package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or
convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The
DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance
by 80%.
MX
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

DirectFET® P-Channel Power MOSFET
‚
l Environmentaly Friendly Product
l RoHs Compliant Containing no Lead,
no Bromide and no Halogen
l Common-Drain P-Channel MOSFETs Provides
High Level of Integration and Very Low RDS(on)
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
Features and Benefits
Applications
l Isolation Switch for Input Power or Battery Application
l High Side Switch for Inverter Applications
2
4
6
8
10
12
14
16
18
20
-VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
ID = -22A
TJ = 25°C
TJ = 125°C
0
20
40
60
80 100 120 140 160 180
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= -24V
VDS= -15V
VDS= -6.0V
ID= -18A
VDSS
VGS
RDS(on)
RDS(on)
-30V max ±20V max 2.3m
Ω@-10V 3.8mΩ@-4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
67nC
29nC
9.4nC
315nC
59nC
-1.8V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
V
A
Max.
-17
-160
-180
±20
-30
-22
DD
G
S
S
SQ
SX
ST
MQ
MX
MT
MP
MC
IRF9383MPbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 28, 2014
Note
Form
Quantity
IRF9383MTRPbF
DirectFET Medium Can
Tape and Reel
4800
IRF9383MTR1PbF
DirectFET Medium Can
Tape and Reel
1000
"TR1" suffix EOL notice #264
Orderable part number
Package Type
Standard Pack


Número de pieza similar - IRF9383MTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9383MPBF IRF-IRF9383MPBF Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
More results

Descripción similar - IRF9383MTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com