Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2141 Datasheet(PDF) 5 Page - NEC

No. de pieza 2SK2141
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2141 Datasheet(HTML) 5 Page - NEC

  2SK2141 Datasheet HTML 1Page - NEC 2SK2141 Datasheet HTML 2Page - NEC 2SK2141 Datasheet HTML 3Page - NEC 2SK2141 Datasheet HTML 4Page - NEC 2SK2141 Datasheet HTML 5Page - NEC 2SK2141 Datasheet HTML 6Page - NEC 2SK2141 Datasheet HTML 7Page - NEC 2SK2141 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2141
5
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Qg - Gate Charge - nC
0
20406080
800
600
400
200
Tch - Channel Temperature - °C
–50
0
50
100
150
3.0
2.0
1.0
0
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
1.0
10
100
800
600
0.1
400
DYNAMIC INPUT CHARACTERISTICS
16
14
12
10
8
6
4
2
0
VDD = 450 V
300 V
120 V
VGS
VDS
0
di/dt = 50 A/ s
VGS = 10 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
1.5
50
1.0
0.5
0
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
10
100
1 000
10 000
VDS - Drain to Source Voltage - V
1 000
100
10
1.0
TC = 25 °C
Single Pulse
Ciss
Coss
Crss
1.0
10
100
1 000
ID - Drain Current - A
100
10
1.0
SWITCHING CHARACTERISTICS
tr
tf
VGS = 10 V
Pulsed
ID = 6 A
3 A
10
1.0
0.1
0.01
Pulsed
VGS = 0 V
VGS = 10 V
VDD = 150 V
VGS = 10 V
RG = 10
td (on)
td (off)
ID = ID (DC)
200
Diode Forward Current - A
µ


Número de pieza similar - 2SK2141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
2SK2141 VBSEMI-2SK2141 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
2SK2141 ISC-2SK2141 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2141 RENESAS-2SK2141 Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Descripción similar - 2SK2141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com