Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCM3.25-A-L14 Datasheet(PDF) 2 Page - PANDUIT CORP.

No. de pieza FCM3.25-A-L14
Descripción Electrónicos  Adhesive Backed Mounts and Devices Features and Benefits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FCM3.25-A-L14 Datasheet(HTML) 2 Page - PANDUIT CORP.

  FCM3.25-A-L14 Datasheet HTML 1Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 2Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 3Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 4Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 5Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 6Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 7Page - PANDUIT CORP. FCM3.25-A-L14 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PANDUIT offers high performance adhesive backed mounts and devices for a quick, dependable method of
securing, routing and protecting wires or cables. The adhesive backing provides easy installation and is an alternative
to mechanical fasteners. When properly installed,
PANDUIT ® Adhesive Backed Mounts and devices offer the advantage
of lower installed cost and high reliability.
Selection of Adhesive
Choose from three types of adhesive systems designed for specific application environments and temperatures: Rubber-based Adhesive
Foam Tape, Acrylic-based Adhesive Foam Tape, or Two-part Epoxy Adhesive. Carefully choosing the correct adhesive and closely following
the recommended installation steps will provide a reliable, long-term bond.
Rubber-Based Adhesive Foam Tape
Rubber-based Adhesive Foam Tape is the best choice for the vast majority of adhesive mount applications, including applications where
powder coated surfaces are being used. This pressure sensitive tape develops its strength extremely fast and can be used in indoor
environments with temperatures ranging from -20°F to 120°F (-29°C to 49°C). Rubber-based Adhesive Foam Tape is the most widely used
and generally recommended foam tape for wire routing applications.
Acrylic-Based Adhesive Foam Tape
Acrylic-based Adhesive Foam Tape is a good choice in applications with prolonged exposure to UV rays or heavy moisture. It is designed
to be used in indoor or outdoor environments where temperatures can vary from -20°F to 180°F (-29°C to 82°C). The
acrylic-based adhesive develops its maximum strength over a longer period of time compared to the rubber-based adhesive. It is
recommended that the mounts dwell eight (8) hours after installation and prior to loading.
Two-Part Epoxy Adhesive
Two-part Epoxy Adhesive is for use in applications where excessive loading is required or where the mounting surface is porous rather
than smooth. This adhesive is formulated specifically for use on
PANDUIT ® EMS and ASMS mounts in either indoor or outdoor
applications. It is packaged in convenient pre-measured cups to insure the proper ratio of resin and hardener, as well as eliminate waste.
PANDUIT ® Adhesive Backed Mounts and Devices
Features and Benefits
Superior adhesive for long term reliability
2-up mount configuration speeds liner removal and installation
4-way cable tie entry makes part orientation fast and easy
Adhesive backing allows routing of wires and cables where mounting holes cannot be drilled
Mount sizes range from .50" x .50" to 2.00" x 2.00" for space limited or heavy load applications
UL Recognized
Used with
PANDUIT ® cable ties for a complete wire routing solution
One piece solutions lower inventory costs and speed installation
Cable tie entry ramps guide the cable tie into the mount
Bevel entry on wire clips speeds installation
Releasable latches allow addition or removal of cables


Número de pieza similar - FCM3.25-A-L14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
FCM31PT CHENMKO-FCM31PT Datasheet
85Kb / 2P
   SUPER FAST SILICON RECTIFIER
logo
TAI-TECH Advanced Elect...
FCM3216 TAI-TECH-FCM3216 Datasheet
106Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM3216KF-121T09 TAI-TECH-FCM3216KF-121T09 Datasheet
106Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM3216KF-151T09 TAI-TECH-FCM3216KF-151T09 Datasheet
106Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM3216KF-201T06 TAI-TECH-FCM3216KF-201T06 Datasheet
106Kb / 2P
   Ferrite Chip Bead(Lead Free)
More results

Descripción similar - FCM3.25-A-L14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
LC5-A-C8 PANDUIT-LC5-A-C8 Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
   D.I.L. Relay Features and Benefits
logo
HAMLIN Position and Mov...
59025-010 HAMLIN-59025-010 Datasheet
160Kb / 1P
   59025 Firecracker Features and Benefits
logo
List of Unclassifed Man...
59160 ETC2-59160 Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com