Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4953SDBD Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM4953SDBD
Descripción Electrónicos  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953SDBD Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4953SDBD Datasheet HTML 7Page - Texas Instruments LM4953SDBD Datasheet HTML 8Page - Texas Instruments LM4953SDBD Datasheet HTML 9Page - Texas Instruments LM4953SDBD Datasheet HTML 10Page - Texas Instruments LM4953SDBD Datasheet HTML 11Page - Texas Instruments LM4953SDBD Datasheet HTML 12Page - Texas Instruments LM4953SDBD Datasheet HTML 13Page - Texas Instruments LM4953SDBD Datasheet HTML 14Page - Texas Instruments LM4953SDBD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
Charge Pump Capacitor Selection
Use low ESR (equivalent series resistance) (<100m
Ω) ceramic capacitors with an X7R dielectric for best
performance. Low ESR capacitors keep the charge pump output impedance to a minimum, extending the
headroom on the negative supply. Higher ESR capacitors result in reduced output power from the audio
amplifiers.
Charge pump load regulation and output impedance are affected by the value of the flying capacitor (C1). A
larger valued C1 (up to 3.3uF) improves load regulation and minimizes charge pump output resistance. Beyond
3.3uF, the switch-on resistance dominates the output impedance for capacitor values above 2.2uF.
The output ripple is affected by the value and ESR of the output capacitor (C2). Larger capacitors reduce output
ripple on the negative power supply. Lower ESR capacitors minimize the output ripple and reduce the output
impedance of the charge pump.
The LM4953 charge pump design is optimized for 2.2uF, low ESR, ceramic, flying, and output capacitors.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input coupling capacitors (Ci in Figure 1). A high
value capacitor can be expensive and may compromise space efficiency in portable designs. In many cases,
however, the speakers used in portable systems, whether internal or external, have little ability to reproduce
signals below 150Hz. Applications using speakers with this limited frequency response reap little improvement by
using high value input and output capacitors.
Besides affecting system cost and size, Ci has an effect on the LM4953's click and pop performance. The
magnitude of the pop is directly proportional to the input capacitor's size. Thus, pops can be minimized by
selecting an input capacitor value that is no higher than necessary to meet the desired
−3dB frequency.
As shown in Figure 1, the internal input resistor, Ri and the input capacitor, Ci, produce a -3dB high pass filter
cutoff frequency that is found using Equation 4. Conventional headphone amplifiers require output capacitors;
Equation 4 can be used, along with the value of RL, to determine towards the value of output capacitor needed to
produce a –3dB high pass filter cutoff frequency.
fi-3dB = 1 / 2πRiCi
(4)
Also, careful consideration must be taken in selecting a certain type of capacitor to be used in the system.
Different types of capacitors (tantalum, electrolytic, ceramic) have unique performance characteristics and may
affect overall system performance. (See the section entitled Charge Pump Capacitor Selection.)
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4953 LM4953SDBD


Número de pieza similar - LM4953SDBD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4953SD NSC-LM4953SD Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

Descripción similar - LM4953SDBD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com