Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM100 Datasheet(PDF) 2 Page - StarHope

No. de pieza SM100
Descripción Electrónicos  Surface Mount Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

SM100 Datasheet(HTML) 2 Page - StarHope

  SM100 Datasheet HTML 1Page - StarHope SM100 Datasheet HTML 2Page - StarHope SM100 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(Ω)
(Ω)
SM030
0.30
0.60
60
100
1.5
1.5
3.0
0.600
4.800
SM050
0.50
1.00
60
100
1.5
2.5
4.0
0.180
1.400
SM075
0.75
1.50
33
100
1.5
8.0
0.3
0.100
1.000
SM100
1.10
2.20
33
100
1.5
8.0
0.5
0.065
0.410
SM125
1.25
2.50
33
100
1.5
8.0
2.0
0.050
0.250
SM150
1.50
3.00
33
100
1.5
8.0
2.0
0.035
0.230
SM185
1.85
3.70
33
100
1.5
8.0
2.5
0.030
0.150
SM200
2.00
4.00
16
100
1.5
8.0
4.5
0.020
0.120
SM250
2.50
5.00
16
100
1.5
8.0
16.0
0.020
0.085
SM260
2.60
5.20
6
100
1.5
8.0
10.0
0.014
0.075
SM300
3.00
6.00
16
100
1.5
8.0
20.0
0.012
0.048
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
—40℃
—20℃
0℃
25℃
40℃
50℃
60℃
85℃
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.14
0.76
0.67
0.59
0.50
0.42
0.38
0.33
0.23
1.13
1.01
0.88
0.75
0.62
0.56
0.50
0.34
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.50
1.89
1.68
1.46
1.25
1.04
0.94
0.83
0.56
2.27
2.01
1.76
1.50
1.25
1.13
1.00
0.74
2.80
2.47
2.17
1.85
1.54
1.39
1.22
0.85
3.02
2.68
2.34
2.00
1.66
1.50
1.32
0.90
3.78
3.35
2.93
2.50
2.08
1.88
1.65
1.13
3.64
3.25
2.91
2.60
2.26
2.08
1.95
1.13
4.53
4.02
3.51
3.00
2.52
2.26
1.99
1.34
Maximum Time To Trip
Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Model
SM030
SM050
Trip current:Minimum current at which the device will always trip in 25℃ still air
SM250
SM260
SM300
Electrical characteristics(25℃)
SM075
SM100
SM125
SM150
SM185
SM200
PPTC/SM Series
02 | www.spsemi.cn
REV.2014.05.01


Número de pieza similar - SM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SM100 SEMTECH-SM100 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
MIC GROUP RECTIFIERS
SM100 MIC-SM100 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM100.SA ETC2-SM100.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
Tripp Lite. All Rights ...
SM1000RM1UTAA TRIPPLITE-SM1000RM1UTAA Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SM1000RM1UTAA-ND TRIPPLITE-SM1000RM1UTAA-ND Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
More results

Descripción similar - SM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com