Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP18FRU Datasheet(PDF) 6 Page - Analog Devices

No. de pieza SMP18FRU
Descripción Electrónicos  Octal Sample-and-Hold with Multiplexed Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

SMP18FRU Datasheet(HTML) 6 Page - Analog Devices

  SMP18FRU Datasheet HTML 1Page - Analog Devices SMP18FRU Datasheet HTML 2Page - Analog Devices SMP18FRU Datasheet HTML 3Page - Analog Devices SMP18FRU Datasheet HTML 4Page - Analog Devices SMP18FRU Datasheet HTML 5Page - Analog Devices SMP18FRU Datasheet HTML 6Page - Analog Devices SMP18FRU Datasheet HTML 7Page - Analog Devices SMP18FRU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMP18
REV. C
–6–
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
SMP18
R3
2k
R4
1k
R1
10
D1
C1
10µF
C2
1µF
+
VCC
+15V
R2
10k
R2
10k
R2
10k
R2
10k
R2
10k
R2
10k
R2
10k
R2
10k
Burn-in Circuit
APPLICATIONS INFORMATION
The SMP18, a multiplexed octal S/H, minimizes board space
in systems requiring cycled calibration or an array of control
voltages. When used in conjunction with a low cost 16-bit D/A,
the SMP18 can easily be integrated into microprocessor based
systems. Since the SMP18 features break-before-make switching
and an internal decoder, no external logic is required. The
SMP18 has an internally regulated TTL supply so that
TTL/CMOS compatibility is maintained over the full supply
range. See Figure 1 for channel decode address information.
POWER SUPPLIES
The SMP18 is capable of operating with either single or dual
supplies over a voltage range of 7 to 15 volts. Based on the sup-
ply voltages chosen, VDD and VSS establish the output voltage
range, which is:
(VSS + 0.06 V ) ≤ VOUT ≤ (VDD – 2 V )
Note that several specifications, including acquisition time, off-
set and output voltage compliance, will degrade for supply volt-
ages of less than 7 V.
If split supplies are used, the negative supply should be bypassed
with a 0.1
µF capacitor in parallel with a 10 µF to ground. The
internal hold capacitors are connected to this supply pin, and
any noise will appear at the outputs.
In single supply applications, it is extremely important that the
VSS (negative supply) pin is connected to a clean ground. The
hold capacitors are internally tied to the VSS (negative) rail. Any
ground noise or disturbance will directly couple to the output of
the sample-and-hold degrading the signal-to-noise performance.
The analog and digital ground traces on the circuit board should
be physically separated to reduce digital switching noise from
entering the analog circuitry.
POWER SUPPLY SEQUENCING
VDD should be applied to the SMP18 before the logic input sig-
nals. The SMP18 has been designed to be immune to latchup,
but standard precautions should still be taken.
OUTPUT BUFFERS (Pins 1, 2, 4, 5, 12, 13, 14, 15)
The buffer offset specification is 10 mV; this is less than 1/2
LSB of an 8-bit DAC with 10 V full scale. The hold step (mag-
nitude of step caused in the output voltage when switching from
sample-to-hold mode, also referred to as the pedestal error or
sample-to-hold offset) is about 4 mV with little variation over
the full output voltage range. The droop rate of a held channel
is 2 mV/s typical and 40 mV/s maximum.
The buffers are designed to drive loads connected to ground.
The outputs can source more than 20 mA over the full voltage
range but have limited current sinking capability near VSS. In
split supply operation, symmetrical output swings can be ob-
tained by restricting the output range to 2 V from either supply.
On-chip SMP18 buffers eliminate potential stability problems
associated with external buffers; outputs are stable with capaci-
tive loads up to 500 pF. However, since the SMP18’s buffer
outputs are not short circuit protected, care should be taken to
avoid shorting any output to the supplies or ground.
SIGNAL INPUT (Pin 3)
The signal input should be driven from a low impedance voltage
source such as the output of an op amp. The op amp should
have a high slew rate and fast settling time if the SMP18’s ac-
quisition time characteristics are to be maintained. As with all
CMOS devices, all input voltages should be kept within range of
the supply rails (VSS
≤ V
IN
≤ V
DD) to avoid the possibility of
latchup. If single supply operation is desired, op amps such as
the OP183 or AD820 that have input and output voltage com-
pliances including ground, can be used to drive the inputs. Split
supplies, such as
±7.5 V, can be used with the SMP18.


Número de pieza similar - SMP18FRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
SMP18FRU AD-SMP18FRU Datasheet
269Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP18FRU AD-SMP18FRU Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
More results

Descripción similar - SMP18FRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18 Datasheet
269Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08_15 Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
SMP08FSZ AD-SMP08FSZ Datasheet
481Kb / 8P
   Octal Sample-and-Hold with Multiplexed lnput
REV. D
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com