Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM48861TMBD Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM48861TMBD
Descripción Electrónicos  Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM48861TMBD Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48861TMBD Datasheet HTML 4Page - Texas Instruments LM48861TMBD Datasheet HTML 5Page - Texas Instruments LM48861TMBD Datasheet HTML 6Page - Texas Instruments LM48861TMBD Datasheet HTML 7Page - Texas Instruments LM48861TMBD Datasheet HTML 8Page - Texas Instruments LM48861TMBD Datasheet HTML 9Page - Texas Instruments LM48861TMBD Datasheet HTML 10Page - Texas Instruments LM48861TMBD Datasheet HTML 11Page - Texas Instruments LM48861TMBD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AUDIO
INPUT
COM
COMMON MODE SENSE
EQUIVALENT CIRCUIT
0
0.02
0.04
0.06
0.08
1
1.5
2
2.5
3
SUPPLY VOLTAGE (V)
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
LM48861, LM48861TMBD
SNAS450A – JUNE 2008 – REVISED MARCH 2010
www.ti.com
Typical Performance Characteristics (continued)
Shutdown Current
Crosstalk
vs
vs
Supply Voltage
Frequency
No Load
VDD = 1.5V, POUT = 5mW, RL = 32Ω
Application Information
GENERAL AMPLIFIER FUNCTION
The LM48861 headphone amplifier features National’s ground referenced architecture that eliminates the large
DC-blocking capacitors required at the outputs of traditional headphone amplifiers. A low-noise inverting charge
pump creates a negative supply (CPVSS) from the positive supply voltage (VDD). The headphone amplifiers
operate from these bipolar supplies, with the amplifier outputs biased about GND, instead of a nominal DC
voltage (typically VDD/2), like traditional amplifiers. Because there is no DC component to the headphone output
signals, the large DC-blocking capacitors (typically 220
μF) are not necessary, conserving board space and
system cost, while improving frequency response.
COMMON MODE SENSE
The LM48861 features a ground (common mode) sensing feature. In noisy applications, or where the headphone
jack is used as a line out to other devices, noise pick up and ground imbalance can degrade audio quality. The
LM48861 COM input senses and corrects any noise at the headphone return, or any ground imbalance between
the headphone return and device ground, improving audio reproduction. Connect COM directly to the headphone
return terminal of the headphone jack (Figure 2). No additional external components are required. Connect COM
to GND if the common-mode sense feature is not in use.
MICRO POWER SHUTDOWN
The voltage applied to the shutdown (SHDN) pin controls the LM48861’s shutdown function. Activate micro-
power shutdown by applying a logic-low voltage to the SHDN pin. When active, the LM48861’s micro-power
shutdown feature turns off the amplifier’s bias circuitry, reducing the supply current. The trigger point is 0.4V
(max) for a logic-low level, and 1.4V (min) for a logic-high level. The low 0.1
μA (typ) shutdown current is
achieved by applying a voltage that is as near as ground as possible to the SHDN pin. A voltage that is higher
than ground may increase the shutdown current.
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM48861 LM48861TMBD


Número de pieza similar - LM48861TMBD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM48861TM NSC-LM48861TM Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861TM/NOPB TI1-LM48861TM/NOPB Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results

Descripción similar - LM48861TMBD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com