Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LME49600 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LME49600
Descripción Electrónicos  High Performance, High Fidelity, High Current Audio Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LME49600_14 Datasheet HTML 3Page - Texas Instruments LME49600_14 Datasheet HTML 4Page - Texas Instruments LME49600_14 Datasheet HTML 5Page - Texas Instruments LME49600_14 Datasheet HTML 6Page - Texas Instruments LME49600_14 Datasheet HTML 7Page - Texas Instruments LME49600_14 Datasheet HTML 8Page - Texas Instruments LME49600_14 Datasheet HTML 9Page - Texas Instruments LME49600_14 Datasheet HTML 10Page - Texas Instruments LME49600_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
60
70
80
20
2k
20k
200k
FREQUENCY (Hz)
40
50
30
200
0
10
20
60
70
80
20
2k
20k
200k
FREQUENCY (Hz)
40
50
30
200
0
10
20
60
70
80
20
2k
20k
200k
FREQUENCY (Hz)
40
50
30
200
0
10
20
60
70
80
20
2k
20k
200k
FREQUENCY (Hz)
40
50
30
200
0
10
20
1M
FREQUENCY (Hz)
-5
0
5
10
15
20
10M
100M
1G
CL = 0 pF
CL = 50 pF
CL = 200 pF
CL = 1000 pF
-40
-30
-20
-10
0
1M
10M
100M
1G
FREQUENCY (Hz)
-50
CL = 0 pF
CL = 50 pF
CL = 200 pF
CL = 1000 pF
LME49600
www.ti.com
SNAS422D – JANUARY 2008 – REVISED MARCH 2008
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Gain vs Frequency vs CLOAD
Phase vs Frequency vs CLOAD
Low IQ Mode
Low IQ Mode
Figure 15.
Figure 16.
+PSRR vs Frequency
+PSRR vs Frequency
VS = ±15V, Wide BW Mode
VS = ±15V, Low IQ Mode
Figure 17.
Figure 18.
+PSRR vs Frequency
+PSRR vs Frequency
VS = ±15V, Wide BW Mode
VS = ±15V, Low IQ Mode
Figure 19.
Figure 20.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LME49600


Número de pieza similar - LME49600_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LME49600TS NSC-LME49600TS Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600TS/NOPB TI1-LME49600TS/NOPB Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
More results

Descripción similar - LME49600_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49610 TI1-LME49610 Datasheet
488Kb / 21P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com